Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01AS8I-3 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X24C01AS8I-3
Description  Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8I-3 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X24C01AS8I-3 Datasheet HTML 1Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8I-3 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
X24C01A
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Guide-
lines for Calculating Typical Values of Bus Pull-Up
Resistors graph.
Address (A0, A1, A2)
The address inputs are used to set the least significant
three bits of the seven bit slave address. These inputs
can be static or actively driven. If used statically they must
be tied to VSS or VCC as appropriate. If actively
driven, they must be driven to VSS or to VCC.
WRITE CONTROL (WC)
The Write Control input controls the ability to write to the
device. When WC is LOW (tied to VSS) the X24C01A will
be enabled to perform write operations. When WC is HIGH
(tied to VCC) the internal high voltage circuitry will
be disabled and all writes will be disabled.
DEVICE OPERATION
The X24C01A supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is a
master and the device being controlled is the slave. The
master will always initiate data transfers and provide the
clock for both transmit and receive operations.
Therefore, the X24C01A will be considered a slave in
all applications.
V
CC
WC
SCL
SDA
A
0
A
1
A
2
V
SS
1
2
3
4
8
7
6
5
X24C01A
PIN CONFIGURATION
3841 FHD F02
PIN NAMES
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VSS
Ground
VCC
+5V
3841 PGM T01
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW. SDA state changes during SCL HIGH are re-
served for indicating start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24C01A continuously monitors the SDA and
SCL lines for the start condition and will not respond
to any command until this condition has been met.
DIP/SOIC


Similar Part No. - X24C01AS8I-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01AS8I-3 XICOR-X24C01AS8I-3 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8I-3.5 XICOR-X24C01AS8I-3.5 Datasheet
58Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C01AS8I-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com