Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01PI-3 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X24C01PI-3
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01PI-3 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X24C01PI-3 Datasheet HTML 1Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
X24C01
NC
NC
NC
V
SS
1
2
3
4
8
7
6
5
V
CC
NC
SCL
SDA
X24C01
PLASTIC
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Guide-
lines for Calculating Typical Values of Bus Pull-Up
Resistors graph.
PIN NAMES
Symbol
Description
NC
No Connect
VSS
Ground
VCC
Supply Voltage
SDA
Serial Data
SCL
Serial Clock
3837 PGM T01
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3837 PGM T02
3837 FHD F02
3837 FHD F03
EQUIVALENT A.C. LOAD CIRCUIT
3837 FHD F16
2190Ο
100pF
OUTPUT
5V
DIP
NC
NC
NC
V
SS
1
2
3
4
8
7
6
5
V
CC
NC
SCL
SDA
X24C01
SOIC/MSOP


Similar Part No. - X24C01PI-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01PI-3 XICOR-X24C01PI-3 Datasheet
56Kb / 14P
   Serial E2PROM
X24C01PI-3.5 XICOR-X24C01PI-3.5 Datasheet
56Kb / 14P
   Serial E2PROM
More results

Similar Description - X24C01PI-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com