Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01AS8G Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X24C01AS8G
Description  Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8G Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24C01AS8G Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 9Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 10Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 11Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 12Page - IC MICROSYSTEMS X24C01AS8G Datasheet HTML 13Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
X24C01A
11
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2.
PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP. 0.010 (0.25)
15°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
0.015 (0.38)
MAX.
0.325 (8.25)
0.300 (7.62)
PACKAGING INFORMATION


Similar Part No. - X24C01AS8G

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01AS8 XICOR-X24C01AS8 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8-3 XICOR-X24C01AS8-3 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8-3.5 XICOR-X24C01AS8-3.5 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8I XICOR-X24C01AS8I Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8I-3 XICOR-X24C01AS8I-3 Datasheet
58Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C01AS8G

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com