Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C04S8M-3 Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # X24C04S8M-3
Description  Serial E2PROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04S8M-3 Datasheet(HTML) 6 Page - IC MICROSYSTEMS

Back Button X24C04S8M-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C04S8M-3 Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
X24C04
Page Write
The X24C04 is capable of a sixteen byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle after
the first data word is transferred, the master can
transmit up to fifteen more words. After the receipt of each
word, the X24C04 will respond with an acknowledge.
After the receipt of each word, the four low order address bits
are internally incremented by one. The high order five
bits of the address remain constant. If the master should
transmit more than sixteen words prior to generating the
stop condition, the address counter will “roll over” and the
previously written data will be overwritten. As with the byte
write operation, all inputs are disabled until completion of the
internal write cycle. Refer to Figure 6 for the address,
acknowledge and data transfer sequence.
Acknowledge Polling
The disabling of the inputs can be used to take advan- tage
of the typical 5 ms write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation the X24C04 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the slave address
for a write operation. If the X24C04 is still busy with the write
operation no ACK will be returned. If the X24C04
has completed the write operation an ACK will be
returned and the host can then proceed with the next
read or write operation. Refer to Flow 1.
READ OPERATIONS
Read operations are initiated in the same manner as write
operations with the exception that the R/W bit of the
slave address is set to a one. There are three basic read
operations: current address read, random read and
sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Figure 6. Page Write
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C04
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD
ADDRESS (n)
DATA n
DATA n+1
DATA n+15
NOTE: In this example n = xxxx 000 (B); x = 1 or 0
3839 FHD F11
Flow 1. ACK Polling Sequence
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
3839 FHD F12


Similar Part No. - X24C04S8M-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04S8M-3 XICOR-X24C04S8M-3 Datasheet
78Kb / 18P
   Serial E2PROM
X24C04S8M-3.5 XICOR-X24C04S8M-3.5 Datasheet
78Kb / 18P
   Serial E2PROM
More results

Similar Description - X24C04S8M-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com