Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C04S8MG-2.7 Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # X24C04S8MG-2.7
Description  Serial E2PROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04S8MG-2.7 Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button X24C04S8MG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 13Page - IC MICROSYSTEMS X24C04S8MG-2.7 Datasheet HTML 14Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
X24C04
Bus Timing
t
SU:STA
t
HD:STA
t
HD:DAT
t
SU:DAT
t
LOW
t
SU:STO
t
R
t
BUF
SCL
SDA IN
SDA OUT
t
DH
t
AA
t
F
t
HIGH
3839 FHD F04
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3839 PGM T02
5.0V
1533Ο
100pF
Output
EQUIVALENT A.C. LOAD CIRCUIT
A.C. CHARACTERISTICS (Over recommended operating conditions unless otherwise specified) Read
& Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
s
tBUF
Time the Bus Must Be Free Before a
4.7
s
New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
s
tLOW
Clock Low Period
4.7
s
tHIGH
Clock High Period
4.0
s
tSU:STA
Start Condition Setup Time
4.7
s
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
s
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
s
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
s
tDH
Data Out Hold Time
300
ns
3839 PGM T06
POWER-UP TIMING
Symbol
Parameter
Max.
Units
t
PUR
(4)
Power-up to Read Operation
1
ms
t
PUW
(4)
Power-up to Write Operation
5
ms
3839 PGM T07
Notes:(4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These
parameters are periodically sampled and not 100% tested.


Similar Part No. - X24C04S8MG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04S8M XICOR-X24C04S8M Datasheet
78Kb / 18P
   Serial E2PROM
X24C04S8M-2.7 XICOR-X24C04S8M-2.7 Datasheet
78Kb / 18P
   Serial E2PROM
X24C04S8M-3 XICOR-X24C04S8M-3 Datasheet
78Kb / 18P
   Serial E2PROM
X24C04S8M-3.5 XICOR-X24C04S8M-3.5 Datasheet
78Kb / 18P
   Serial E2PROM
More results

Similar Description - X24C04S8MG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com