Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSA67K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LSA67K
Description  Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA67K Datasheet(HTML) 4 Page - OSRAM GmbH

  LSA67K Datasheet HTML 1Page - OSRAM GmbH LSA67K Datasheet HTML 2Page - OSRAM GmbH LSA67K Datasheet HTML 3Page - OSRAM GmbH LSA67K Datasheet HTML 4Page - OSRAM GmbH LSA67K Datasheet HTML 5Page - OSRAM GmbH LSA67K Datasheet HTML 6Page - OSRAM GmbH LSA67K Datasheet HTML 7Page - OSRAM GmbH LSA67K Datasheet HTML 8Page - OSRAM GmbH LSA67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2006-10-31
4
LS A67K, LO A67K, LY A67K
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 2 mA
λ
peak
643
610
591
nm
Dominantwellenlänge
5) Seite 15
Dominant wavelength
5)
page 15
I
F = 2 mA
λ
dom
630
± 6
606*
–6/+3
587*
–7/+8
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 2 mA
∆λ
16
16
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
Grad
deg.
Durchlassspannung
6) Seite 15
(min.)
Forward voltage
6)
page 15
(typ.)
I
F = 2 mA
(max.)
V
F
V
F
V
F
1.7
1.8
2.2
1.7
1.8
2.2
1.7
1.8
2.2
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 2 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.14
0.14
0.12
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 2 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.05
0.09
0.09
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 2 mA; –10°C ≤ T ≤ 100°C
TC
V
– 1.8
– 1.5
– 2.1
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 2 mA
η
opt
5
9
6
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5


Similar Part No. - LSA67K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LSA670 OSRAM-LSA670 Datasheet
428Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LSA670-HL SIEMENS-LSA670-HL Datasheet
61Kb / 8P
   SIDELED
LSA670-J SIEMENS-LSA670-J Datasheet
61Kb / 8P
   SIDELED
LSA670-JM SIEMENS-LSA670-JM Datasheet
61Kb / 8P
   SIDELED
More results

Similar Description - LSA67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com