Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24165VIG Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X24165VIG
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24165VIG Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24165VIG Datasheet HTML 7Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 8Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 9Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 10Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 11Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 12Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 13Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 14Page - IC MICROSYSTEMS X24165VIG Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X24165
11
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
X24165 .......................................–65°C to +135°C
Storage Temperature ........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS .................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature (Soldering, 10 Seconds) ...... 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum”
Ratings” may cause permanent damage to the device. This is
a stress rating only and the functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may
affect device reliability.
D.C. OPERATING CHARACTERISTICS
6551 FRM T06.1
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
6551 FRM T07.1
Notes: (1)Must perform a stop command prior to measurement.
(2)VIL min. and VIH max. are for reference only and are not 100% tested. (3)This
parameter is periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
SCL = VCC X 0.1/VCC X 0.9 Levels @
100KHz, SDA = Open, All Other
Inputs =
VSS or VCC – 0.3V
ICC2
VCC Supply Current (Write)
3
mA
ISB1 (1)
VCC Standby Current
50
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 5V ± 10%
ISB2 (1)
VCC Standby Current
1
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 2.7V
ILI
Input Leakage Current
10
A
VIN = VSS to VCC
ILO
Output Leakage Current
10
A
VOUT = VSS to VCC
VlL(2)
Input LOW Voltage
–1
VCC x 0.3
V
VIH(2)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA, VCC = 4.5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (S1, S2, SCL)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
6551 FRM T04
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
6551 FRM T05
Supply Voltage
Limits
X24165
4.5V to 5.5V
X24165-2.7
2.7V to 5.5V


Similar Part No. - X24165VIG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165VI XICOR-X24165VI Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165VI-2.7 XICOR-X24165VI-2.7 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
More results

Similar Description - X24165VIG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com