Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F640WE Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # X76F640WE
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F640WE Datasheet(HTML) 6 Page - IC MICROSYSTEMS

Back Button X76F640WE Datasheet HTML 2Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 3Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 4Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 5Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 6Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 7Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 8Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 9Page - IC MICROSYSTEMS X76F640WE Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X76F640
6
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F640 initiates the internal
nonvolatile write cycle. In order to take advantage of the
typical 5ms write cycle, ACK polling can begin
immediately. This involves issuing the start condition
followed by the new command code of 8 bits (1st byte of
the protocol.) If the X76F640 is still busy with the
nonvolatile write operation, it will issue a “no-A
CK” in response. If the nonvolatile write operation has
completed, an “ACK” will be returned and the host can
then proceed with the rest of the protocol
.
After the password sequence, there is always a nonvola-
tile write cycle. This is done to discourage random
guesses of the password if the device is being tampered
with. In order to continue the transaction, the X76F640
requires the master to perform an ACK polling with the
specific code of F0h. As with regular Acknowledge polling
the user can either time out for 10ms, and then issue the ACK
polling once, or continuously loop as described in the
flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle is over,
in response to the ACK polling cycle immediately following
it.
If the password that was inserted was incorrect, then a “no
ACK” will be returned even if the nonvolatile cycle is over.
Therefore, the user cannot be certain that the password is
incorrect until the 10ms write cycle time has elapsed.
Data ACK Polling Sequence
ACK
RETURNED
?
ISSUE NEW
COMMAND
CODE
WRITE SEQUENCE
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 08
Password ACK Polling Sequence
ACK
RETURNED
?
ISSUE
PASSWORD
ACK COMMAND
PASSWORD LOAD
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 09


Similar Part No. - X76F640WE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F640WE XICOR-X76F640WE Datasheet
94Kb / 17P
   Secure SerialFlash
X76F640WE-2.7 XICOR-X76F640WE-2.7 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F640WE

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com