Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C02PIG Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # X24C02PIG
Description  Serial E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02PIG Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button X24C02PIG Datasheet HTML 6Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 7Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 8Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 9Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 10Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 11Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 12Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 13Page - IC MICROSYSTEMS X24C02PIG Datasheet HTML 14Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X24C02
10
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3838 PGM T05
EQUIVALENT A.C. LOAD CIRCUIT
1533Ο
OUTPUT
100pF
5.0V
3838 FHD F18
A.C. CHARACTERISTICS (Over recommended operating conditions)
DATA INPUT TIMING
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
s
tBUF
Time the Bus Must Be Free Before a
4.7
s
New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
s
tLOW
Clock Low Period
4.7
s
tHIGH
Clock High Period
4.0
s
tSU:STA
Start Condition Setup Time
4.7
s
tHD:DAT
Data In Hold Time
0
s
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
s
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
s
tDH
Data Out Hold Time
300
ns
3838 PGM T06
Bus Timing
t
SU:STA
t
HD:STA
t
HD:DAT
t
SU:DAT
t
LOW
t
SU:STO
t
R
t
BUF
SCL
SDA IN
SDA OUT
t
DH
t
AA
t
F
t
HIGH
3838 FHD F04
POWER-UP TIMING
Symbol
Parameter
Max.
Units
t
PUR
(4)
Power-up to Read Operation
1
ms
t
PUW
(4)
Power-up to Write Operation
5
ms
3838 PGM T07
Notes:(4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are periodically
sampled and not 100% tested.


Similar Part No. - X24C02PIG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C02PI XICOR-X24C02PI Datasheet
66Kb / 16P
   Serial E2PROM
X24C02PI-2.7 XICOR-X24C02PI-2.7 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02PI-3 XICOR-X24C02PI-3 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02PI-3.5 XICOR-X24C02PI-3.5 Datasheet
66Kb / 16P
   Serial E2PROM
More results

Similar Description - X24C02PIG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com