Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSV296-N2Q1-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LSV296-N2Q1-1
Description  Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSV296-N2Q1-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LSV296-N2Q1-1 Datasheet HTML 1Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 2Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 3Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 4Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 5Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 6Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 7Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 8Page - OSRAM GmbH LSV296-N2Q1-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2007-05-30
4
LG V296, LO V296, LS V296, LY V296
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LG
LS
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
572
645
610
591
nm
Dominantwellenlänge
5)
Seite 14
(min.)
Dominant wavelength
5)
page 14
(typ.)
I
F = 20 mA
(max.)
λ
dom
λ
dom
λ
dom
566
570*
575
627
633
639
600
606*
609
580
587*
595
nm
nm
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 20 mA
Δλ
22
16
16
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
140 (horizontal)
135 (vertical)
Grad
deg.
Durchlassspannung
6)
Seite 14
(min.)
Forward voltage
6)
page 14
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.80
2.0
2.40
1.80
2.0
2.30
1.85
2.0
2.35
1.90
2.0
2.40
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
μA
μA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.12
0.14
0.13
0.13
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.10
0.05
0.07
0.10
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
– 2.6
– 2.0
– 1.7
– 2.5
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
5
7
11
11
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5


Similar Part No. - LSV296-N2Q1-1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSV2B HONEYWELL-LSV2B Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSV2R HONEYWELL-LSV2R Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSV296-N2Q1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com