Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24320S8I Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # X24320S8I
Description  400KHz 2-Wire Serial E2PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320S8I Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  X24320S8I Datasheet HTML 1Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 2Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 3Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 4Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 5Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 6Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 7Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 8Page - IC MICROSYSTEMS X24320S8I Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X24320
3
DEVICE OPERATION
The device supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the
transfer is a master and the device being controlled is the
slave. The master will always initiate data transfers
and provide the clock for both transmit and receive
operations. Therefore, the device will be
considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA and
SCL lines for the start condition and will not
respond to any command until this condition has been met
.
SCL
SDA
DATA STABLE
DATA
CHANGE
7035 FM 03
SCL
SDA
START BIT
STOP BIT
7035 FM 04
Figure 1. Data Validity
Figure 2. Definition of Start and Stop


Similar Part No. - X24320S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320S8I XICOR-X24320S8I Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320S8I-1.8 XICOR-X24320S8I-1.8 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320S8I-2.5 XICOR-X24320S8I-2.5 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24320S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com