Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C02MI Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X24C02MI
Description  Serial E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02MI Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X24C02MI Datasheet HTML 1Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 2Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 3Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 4Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 5Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 6Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 7Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 8Page - IC MICROSYSTEMS X24C02MI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
X24C02
4
Stop Condition
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA when SCL is
HIGH. The stop condition is also used by the X24C02 to
place the device in the standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the
bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received the
eight bits of data. Refer to Figure 3.
The X24C02 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been
selected, the X24C02 will respond with an acknowledge
after the receipt of each subsequent eight bit word.
In the read mode the X24C02 will transmit eight bits of data,
release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no stop
condition is generated by the master, the X24C02
will continue to transmit data. If an acknowledge is not
detected, the X24C02 will terminate further data trans-
missions. The master must then issue a stop condition to
return the X24C02 to the standby power mode and
place the device into a known state.
Figure 2. Definition of Start and Stop
SCL
SDA
START BIT
STOP BIT
Figure 3. Acknowledge Response From Receiver
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
8
9
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE
3838 FHD F07
3838 FHD F08


Similar Part No. - X24C02MI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C02MI XICOR-X24C02MI Datasheet
66Kb / 16P
   Serial E2PROM
X24C02MI-2.7 XICOR-X24C02MI-2.7 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02MI-3 XICOR-X24C02MI-3 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02MI-3.5 XICOR-X24C02MI-3.5 Datasheet
66Kb / 16P
   Serial E2PROM
More results

Similar Description - X24C02MI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com