Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F200S Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X76F200S
Description  Secure Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F200S Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X76F200S Datasheet HTML 3Page - IC MICROSYSTEMS X76F200S Datasheet HTML 4Page - IC MICROSYSTEMS X76F200S Datasheet HTML 5Page - IC MICROSYSTEMS X76F200S Datasheet HTML 6Page - IC MICROSYSTEMS X76F200S Datasheet HTML 7Page - IC MICROSYSTEMS X76F200S Datasheet HTML 8Page - IC MICROSYSTEMS X76F200S Datasheet HTML 9Page - IC MICROSYSTEMS X76F200S Datasheet HTML 10Page - IC MICROSYSTEMS X76F200S Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
X76F200
7
PASSWORDS
Passwords are changed by sending the "change read
password" or "change write password" commands in a
normal
sector write operation. A full eight bytes
containing the new password must be sent, following
successful transmission of the current write password and
a valid password ACK response. The user can use a
repeated ACK Polling command to check that a new
password has been written correctly. An ACK indicates
that the new password is valid.
There is no way to read any of the passwords.
RESPONSE TO RESET (DEFAULT = 19 20 AA 55)
The ISO Response to reset is controlled by the RST and CLK
pins. When RST is pulsed high during a clock pulse,
the device will output 32 bits of data, one bit per clock, and it
resets to the standby state. This conforms to the ISO
standard for “synchronous response to reset”.
The part
must not be in a write cycle for the response to reset to
occur.
After initiating a nonvolatile write cycle the RST pin must not
be pulsed until the nonvolatile write cycle is complete.
If not, the ISO response will not be activated. If the RST is
pulsed HIGH and the CLK is within the RST pulse
(meet the t NOLspec.) in the middle of an ISO transaction, it
will output the 32 bit sequence again (starting at bit 0).
Otherwise, this aborts the ISO operation and the part
returns to standby state. If the RST is pulsed HIGH and the
CLK is outside the RST pulse (in the middle of an
ISO transaction), this aborts the ISO operation and the part
returns to standby state.
If there is power interrupted during the Response to
Reset, the response to reset will be aborted and the part
will return to the standby state. A Response to Reset is not
available during a nonvolatile write cycle.
Figure 7. Response to RESET (RST)
SCK
SO
RST
Byte
0
MSB
LSB
LSB
MSB
1
LSB
MSB LSB
MSB
2
3
10
0
00
11
1
0
0
0
0000
1
0
0
0
0
1
1 0
1
1
1
0
0
0
1
1 0
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias.....................–65°C to +135°C
Storage Temperature..........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS.......................................
–1V to +7V
D.C. Output Current
..................................................
5mA
Lead Temperature
(Soldering, 10 seconds)..................................300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of the
device at these or any other conditions above those
listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.


Similar Part No. - X76F200S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200S8 XICOR-X76F200S8 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200S8-2.0 XICOR-X76F200S8-2.0 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200S8I XICOR-X76F200S8I Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200S8I-2.0 XICOR-X76F200S8I-2.0 Datasheet
77Kb / 16P
   Secure SerialFlash
More results

Similar Description - X76F200S

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com