Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYV296-P1Q2-26 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYV296-P1Q2-26
Description  Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYV296-P1Q2-26 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYV296-P1Q2-26 Datasheet HTML 5Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 6Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 7Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 8Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 9Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 10Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 11Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 12Page - OSRAM GmbH LYV296-P1Q2-26 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LG V296, LO V296, LS V296, LY V296
2007-05-30
9
Maßzeichnung
8)
Seite 14
Package Outlines
8)
page 14
Gewicht / Approx. weight:
2 mg
Gurtung / Polarität und Lage
8)
Seite 14
Verpackungseinheit 8 mm Gurt mit 5.000/Rolle
ø180 mm
Method of Taping / Polarity and Orientation
8)
page 14
Packing unit 8 mm tape with 5.000/reel,
ø180 mm
1.1 (0.043)
0.6 (0.024)
0.8 (0.031)
1.3 (0.051)
GEOY6116
0.65 (0.026)
0.55 (0.022)
A
C
(alternatively)
Cathode mark
OHAY1351
1.5 (0.059)
4 (0.157)
4 (0.157)
1.26 (0.050)
Cathode/Collector Side


Similar Part No. - LYV296-P1Q2-26

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYV196 OSRAM-LYV196 Datasheet
410Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYV296-P1Q2-26

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com