Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24320V14 Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X24320V14
Description  400KHz 2-Wire Serial E2PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320V14 Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X24320V14 Datasheet HTML 3Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 4Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 5Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 6Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 7Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 8Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 9Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 10Page - IC MICROSYSTEMS X24320V14 Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X24320
7
Acknowledge Polling
The maximum write cycle time can be significantly
reduced using Acknowledge Polling. To initiate
Acknowledge Polling, the master issues a start condition
followed by the Slave Address Byte for a write or
read operation. If the device is still busy with the
internal write cycle, then no ACK will be returned. If the
device has completed the internal write operation, an ACK
will be returned and the host can then proceed
with the read or write operation. Refer to figure 7 .
BYTE LOAD COMPLETED
BY ISSUING STOP.
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS BYTE
(READ OR WRITE)
ACK
RETURNED?
HIGH
VOLTAGE
CYCLE COMPLETE.
CONTINUE
SEQUENCE?
CONTINUE NORMAL
READ OR WRITE
COMMAND SEQUENCE
PROCEED
ISSUE STOP
NO
YES
YES
ISSUE STOP
NO
7035 FM 09
READ OPERATIONS
Read operations are initiated in the same manner as write
operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three basic
read operations: Current Address Reads,
Random Reads, and Sequential Reads.
Current Address Read
Internally, the device contains an address counter that
maintains the address of the last word read or written
incremented by one. After a read operation from the last
address in the array, the counter will “roll over” to the first
address in the array. After a write operation to
the last address in a given page, the counter will “roll
over” to the first address on the same page.
Upon receipt of the Slave Address Byte with the R/W bit set
to one, the device issues an acknowledge and
then transmits the eight bits of the Data Byte. The
master terminates the read operation when it does not
respond with an acknowledge during the ninth clock and
then issues a stop condition. Refer to figure 8 for the address
acknowledge, and data transfer sequence.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care "
.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during
the ninth clock cycle and then issue a stop condition.
FROM THE
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
DATA
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
SLAVE
1
S
P
01 0
1
7035 FM 10
Figure 7. Acknowledge Polling Sequence
Figure 8. Current Address Read Sequence


Similar Part No. - X24320V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320V14 XICOR-X24320V14 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320V14-1.8 XICOR-X24320V14-1.8 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320V14-2.5 XICOR-X24320V14-2.5 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320V14I XICOR-X24320V14I Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320V14I-1.8 XICOR-X24320V14I-1.8 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24320V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com