Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24165GG Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # X24165GG
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24165GG Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  X24165GG Datasheet HTML 1Page - IC MICROSYSTEMS X24165GG Datasheet HTML 2Page - IC MICROSYSTEMS X24165GG Datasheet HTML 3Page - IC MICROSYSTEMS X24165GG Datasheet HTML 4Page - IC MICROSYSTEMS X24165GG Datasheet HTML 5Page - IC MICROSYSTEMS X24165GG Datasheet HTML 6Page - IC MICROSYSTEMS X24165GG Datasheet HTML 7Page - IC MICROSYSTEMS X24165GG Datasheet HTML 8Page - IC MICROSYSTEMS X24165GG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X24165
3
DEVICE OPERATION
The X24165 supports a bidirectional bus oriented pro-
tocol. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device as
the receiver. The device controlling the transfer is a
master and the device being controlled is the slave. The
master will always initiate data transfers, and provide
the clock for both transmit and receive operations.
Therefore, the X24165 will be considered a slave in all
applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All command are preceded by the start condition, which
is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24165 continuously monitors the SDA and SCL
lines for the start condition and will not respond to
any command until this condition has been met.
SCL
SDA
DATA STABLE
DATA
CHANGE
6551 ILL F04
SCL
SDA
START BIT
STOP BIT
6551 ILL F05
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
N
otes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V)
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum
the device requires to perform the internal write operation.


Similar Part No. - X24165GG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165P XICOR-X24165P Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165P-2.7 XICOR-X24165P-2.7 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165PI XICOR-X24165PI Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165PI-2.7 XICOR-X24165PI-2.7 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
More results

Similar Description - X24165GG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com