Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C08FP Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X24C08FP
Description  Serial E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C08FP Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X24C08FP Datasheet HTML 1Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 2Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 3Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 4Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 5Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 6Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 7Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 8Page - IC MICROSYSTEMS X24C08FP Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This X24C08 device has been acquired by IC
MICROSYSTEMS from Xicor, Inc.
1
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
Serial E
2PROM
TYPICAL FEATURES
2.7V to 5.5V Power Supply
Low Power CMOS
—Active Read Current Less Than 1 mA
—Active Write Current Less Than 3 mA
—Standby Current Less Than 50 A
Internally Organized 1024 x 8
2 Wire Serial Interface
—Bidirectional Data Transfer Protocol
Sixteen Byte Page Write Mode
—Minimizes Total Write Time Per Byte
Self Timed Write Cycle
—Typical Write Cycle Time of 5 ms
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
8 Pin Mini-DlP, 8 Pin SOIC and 14 Pin
SOIC Packages
DESCRIPTION
The X24C08 is a CMOS 8,192 bit serial E
2
PROM,
internally organized 1024 x 8. The X24C08 features a
serial interface and software protocol allowing operation on a
simple two wire bus.
The X24C08 is fabricated with Xicor’s advanced CMOS
Textured Poly Floating Gate Technology.
The X24C08 utilizes Xicor’s proprietary Direct Write™ cell
providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
8K
X24C08
1024 x 8 Bit
FUNCTIONAL DIAGRAM
3842 FHD F01
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING
& CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
64 X 128
DATA REGISTER
START CYCLE
(8) V
CC
R/W
PIN
(4) V
SS
(5) SDA
(6) SCL
(3) A2
(2) A1
(1) A0
D
OUT
LOAD
INC
CK
8
(7) TEST
3842-1
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X24C08FP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24C08P XICOR-X24C08P Datasheet
62Kb / 16P
   Serial E2PROM
X24C08P-2.7 XICOR-X24C08P-2.7 Datasheet
62Kb / 16P
   Serial E2PROM
X24C08P-3 XICOR-X24C08P-3 Datasheet
62Kb / 16P
   Serial E2PROM
X24C08P-3.5 XICOR-X24C08P-3.5 Datasheet
62Kb / 16P
   Serial E2PROM
More results

Similar Description - X24C08FP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com