Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C02ES8 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X24C02ES8
Description  Serial E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02ES8 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X24C02ES8 Datasheet HTML 1Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 2Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 3Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 4Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 5Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 6Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 7Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 8Page - IC MICROSYSTEMS X24C02ES8 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X24C02
5
DEVICE ADDRESSING
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave are the device type identifier
(see Figure 4). For the X24C02 this is fixed as 1010[B].
The next three significant bits address a particular device.
A system could have up to eight X24C02 devices
on the
bus (see Figure 10). The eight addresses are defined by the
state of the A0, A1 and A2 inputs.
The last bit of the slave address defines the operation to be
performed. When set to one a read operation is
selected, when set to zero a write operations is selected.
Figure 4. Slave Address
Following the start condition, the X24C02 monitors the
SDA bus comparing the slave address being transmitted
with its slave address (device type and state of A0, A1 and
A2 inputs). Upon a correct compare the X24C02 outputs an
acknowledge on the SDA line. Depending on the state of the
R/W bit, the X24C02 will execute a read or write
operation.
WRITE OPERATIONS
Byte Write
For a write operation, the X24C02 requires a second
address field. This address field is the word address,
comprised of eight bits, providing access to any one of the
256 words of memory. Upon receipt of the word
address the X24C02 responds with an acknowledge, and
awaits the next eight bits of data, again responding
with an acknowledge. The master then terminates the
transfer by generating a stop condition, at which time the
X24C02 begins the internal write cycle to the nonvolatile
memory. While the internal write cycle is in progress the
X24C02 inputs are disabled, and the device will not
respond to any requests from the master. Refer to
Figure 5 for the address, acknowledge and data transfer
sequence.
1
0
1
0
A2
A1
A0
R/W
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESS
Figure 6. Page Write
Figure 5. Byte Write
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C02
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
WORD
ADDRESS
DATA
3838 FHD F010
3838 FHD F011
3838 FHD F09
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C02
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD
ADDRESS (n)
DATA n
DATA n+1
DATA n+3
NOTE: In this example n = xxxx 000 (B); x = 1 or 0


Similar Part No. - X24C02ES8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02M XICOR-X24C02M Datasheet
66Kb / 16P
   Serial E2PROM
X24C02M-2.7 XICOR-X24C02M-2.7 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02M-3 XICOR-X24C02M-3 Datasheet
66Kb / 16P
   Serial E2PROM
X24C02M-3.5 XICOR-X24C02M-3.5 Datasheet
66Kb / 16P
   Serial E2PROM
More results

Similar Description - X24C02ES8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com