Electronic Components Datasheet Search |
|
X24645VM Datasheet(PDF) 5 Page - IC MICROSYSTEMS |
|
X24645VM Datasheet(HTML) 5 Page - IC MICROSYSTEMS |
5 / 18 page X24645 5 Figure 5. Byte Write BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24645 S T A R T SLAVE ADDRESS S S T O P P A C K A C K A C K BYTE ADDRESS DATA 2783 ILL F08.1 DEVICE ADDRESSING Following a start condition the master must output the address of the slave it is accessing (see Figure 4). The next two bits are the device select bits. A system could have up to four X24645’s on the bus. The four addresses are defined by the state of the S1 and S2 inputs. S2 of the slave address must be the inverse of the S2 input pin. Figure 4. Slave Address The next five bits of the slave address are an extension of the array’s address and are concatenated with the eight bits of address in the byte address field, providing direct access to the whole 8192 x 8 array. 2783 ILL F07.1 S 2 A9 A8 R/W DEVICE SELECT S 1 A12 HIGH ORDER ADDRESS BITS A11 A10 The last bit of the slave address defines the operation to be performed. When set HIGH a read operation is selected, when set LOW, a write operation is selected. Following the start condition, the X24645 monitors the SDA bus comparing the slave address being transmitted with its slave address device type identifier. Upon a correct compare the X24645 outputs an acknowledge on the SDA line. Depending on the state of the R/W bit, the X24645 will execute a read or write operation. WRITE OPERATIONS Byte Write For a write operation, the X24645 requires a second ad- dress field. This address field is the byte address, com- prised of eight bits, providing access to any one of 8192 words in the array. Upon receipt of the byte address, the X24645 responds with an acknowledge and awaits the next eight bits of data, again responding with an acknowledge The master then terminates the transfer by generating a stop condition, at which time the X24645 begins the internal write cycle to the nonvolatile memory. While the internal write cycle is in progress the X24645 inputs are disabled, and the device will not respond to any requests from the master. Refer to Figure 5 for the address, acknowledge and data transfer sequence. |
Similar Part No. - X24645VM |
|
Similar Description - X24645VM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |