Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84128G-2.5 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X84128G-2.5
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84128G-2.5 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X84128G-2.5 Datasheet HTML 5Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 6Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 10Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 11Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 12Page - IC MICROSYSTEMS X84128G-2.5 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
X84160/640/128
9
CAPACITANCE
TA = +25°C, f = 1MHz, VCC = 5V
Notes: (2) Periodically sampled, but not 100% tested.
POWER-UP TIMING
Notes: (3) Time delays required from the time the VCC is stable until the specific operation can be initiated.
Periodically sampled, but not 100% tested.
A.C. CONDITIONS OF TEST
EQUIVALENT A.C. LOAD CIRCUITS
Symbol
Parameter
Max.
Units
Test Conditions
CI/O
(2)
Input/Output Capacitance
8
pF
VI/O = 0V
CIN
(2)
Input Capacitance
6
pF
VIN = 0V
Symbol
Parameter
Max.
Units
tPUR
(3)
Power-up to Read Operation
2
ms
tPUW
(3)
Power-up to Write Operation
5
ms
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
5ns
Input and Output Timing Levels
VCC x 0.5
5V
30pF
2.06K
3.03K
OUTPUT
3V
30pF
2.39K
4.58K
OUTPUT
2V
30pF
2.8K
5.6K
OUTPUT


Similar Part No. - X84128G-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84129 XICOR-X84129 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84129 ICMIC-X84129 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84129-1.8 ICMIC-X84129-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84129-2.5 ICMIC-X84129-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84129G ICMIC-X84129G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84128G-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com