Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25642SG Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X25642SG
Description  Advanced SPI Serial E2PROM with Block Lock Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25642SG Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X25642SG Datasheet HTML 3Page - IC MICROSYSTEMS X25642SG Datasheet HTML 4Page - IC MICROSYSTEMS X25642SG Datasheet HTML 5Page - IC MICROSYSTEMS X25642SG Datasheet HTML 6Page - IC MICROSYSTEMS X25642SG Datasheet HTML 7Page - IC MICROSYSTEMS X25642SG Datasheet HTML 8Page - IC MICROSYSTEMS X25642SG Datasheet HTML 9Page - IC MICROSYSTEMS X25642SG Datasheet HTML 10Page - IC MICROSYSTEMS X25642SG Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
X25642
7
Figure 6. Write Status Register Operation Sequence
Figure 5. Page Write Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0123456789
10
SCK
SI
INSTRUCTION
16 BIT ADDRESS
DATA BYTE 1
76543210
CS
40 41 42 43 44 45 46 47
DATA BYTE 2
76543210
DATA BYTE 3
76543210
DATA BYTE N
15 14 13
3210
20 21 22 23 24 25 26 27 28 29 30 31
6543210
3132 ILL F07
0123456789
CS
SCK
SI
SO
HIGH IMPEDANCE
INSTRUCTION
DATA BYTE
76543210
10 11 12 13 14 15
3132 ILL F08.1


Similar Part No. - X25642SG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642S XICOR-X25642S Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642S-2.7 XICOR-X25642S-2.7 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642S8 XICOR-X25642S8 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642S8-2.7 XICOR-X25642S8-2.7 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642S8I XICOR-X25642S8I Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25642SG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com