Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSL29K-G1H2-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LSL29K-G1H2-1
Description  SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSL29K-G1H2-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LSL29K-G1H2-1 Datasheet HTML 6Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 7Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 8Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 9Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 10Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 11Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 12Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 13Page - OSRAM GmbH LSL29K-G1H2-1 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LS L29K, LO L29K, LY L29K
2007-03-01
11
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
4
± 0.1
(0.157
± 0.004)
2
± 0.05
(0.079
± 0.002)
2
± 0.05
(0.079
± 0.002)
1.5
+ 0.1
(0.059
+ 0.004)
1.75
± 0.1
(0.069
± 0.004)
3.5
± 0.05
(0.138
± 0.002)
Reel dimensions in mm (inch)
A
W
Nmin
W1
W2 max
180 (7)
8 (0.315)
60 (2.362)
8.4
+ 2 (0.331 + 0.079)
14.4 (0.567)
OHA12043
X - X - X
(G) GROUP:
Lot Number
(1T) LOT NO:
(9D) D/C: Date Code
(X) PROD NO: Product Code
(6P) BATCH NO: Batch Number
Lx xxxx
Product Name
RoHS Compliant
Bin1: Bin Information Color 1
Bin2:
Bin3:
ML
2
Temp ST
260 C RT
Additional TEXT
R077
DEMY
PACKVAR: Packing Type
Product Quantity per Reel
(Q)QTY:
Semiconductors
OSRAM Opto
Wavelength Group
Forward Voltage Group
Brightness Group
Bar Code
Bar Code
Bar Code
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm
8 + 0.3
– 0.1


Similar Part No. - LSL29K-G1H2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSL29K-G1H2-1 OSRAM-LSL29K-G1H2-1 Datasheet
383Kb / 20P
   LCD Backlighting
More results

Similar Description - LSL29K-G1H2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A2290 OSRAM-Q65110A2290 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com