Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25320FV Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X25320FV
Description  SPI Serial E2PROM With Block LockTM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25320FV Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X25320FV Datasheet HTML 5Page - IC MICROSYSTEMS X25320FV Datasheet HTML 6Page - IC MICROSYSTEMS X25320FV Datasheet HTML 7Page - IC MICROSYSTEMS X25320FV Datasheet HTML 8Page - IC MICROSYSTEMS X25320FV Datasheet HTML 9Page - IC MICROSYSTEMS X25320FV Datasheet HTML 10Page - IC MICROSYSTEMS X25320FV Datasheet HTML 11Page - IC MICROSYSTEMS X25320FV Datasheet HTML 12Page - IC MICROSYSTEMS X25320FV Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X25320
9
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
3063 PGM T11
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified) Data
Input Timing
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
200
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI(4)
Data In Rise Time
2
∝s
tFI(4)
Data In Fall Time
2
∝s
tHD
HOLD Setup Time
100
ns
tCD
HOLD Hold Time
100
ns
tCS
CS Deselect Time
2.0
∝s
tWC(5)
Write Cycle Time
10
ms
3063 PGM T12.2
Data Output Timing
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tDIS
Output Disable Time
250
ns
tV
Output Valid from Clock LOW
200
ns
tHO
Output Hold Time
0
ns
tRO(4)
Output Rise Time
100
ns
tFO(4)
Output Fall Time
100
ns
tLZ(4)
HOLD HIGH to Output in Low Z
100
ns
tHZ(4)
HOLD LOW to Output in High Z
100
ns
3063 PGM T13.2
Notes: (4) This parameter is periodically sampled and not 100% tested. (5)
t
WC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal
nonvolatile write cycle.
OUTPUT
3063 ILL F09.1
5V
1.44KΟ
1.95KΟ
100pF
OUTPUT
3V
1.64KΟ
4.63KΟ
100pF


Similar Part No. - X25320FV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320P XICOR-X25320P Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320P-2.7 XICOR-X25320P-2.7 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320PI XICOR-X25320PI Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320PI-2.7 XICOR-X25320PI-2.7 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25320FV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com