Electronic Components Datasheet Search |
|
X84640EG Datasheet(PDF) 5 Page - IC MICROSYSTEMS |
|
X84640EG Datasheet(HTML) 5 Page - IC MICROSYSTEMS |
5 / 22 page X84160/640/128 5 CONTROL REGISTER The X84160/640/128 has one register that contains control bits for the devices. The control bits, WPEN, BP1, and BP0, are shown in Table 1. To read or change the contents of this register requires a one byte operation to address FFFFh. A read from FFFFh returns the one byte contents of the control register unused bits return 0. Continued reads return undefined data. A write to address FFFFh changes the value of the bits. Unused bits are written as “0”. Writing more than one byte to the control register is a violation and the operation will be aborted. After sending one byte to the control register, a start nonvolatile write cycle will latch in the new state. Table 1 WPEN: Write Protect Enable Bit The Write-Protect-Enable (WPEN) bit is an enable bit for the WP pin. Table 2 7 654 3 2 1 0 WPEN 0 0 0 BP1 BP0 0 0 WPEN WP Protected Blocks Unprotected Blocks Status Register 0X Protected Writable Writable 1 LOW Protected Writable Protected X HIGH Protected Writable Writable The Write Protect (WP) pin and the nonvolatile Write Protect Enable (WPEN) bit in the Status Register control the programmable hardware write protect feature. Hardware write protection is enabled when WP pin is LOW, and the WPEN bit is “1”. Hardware write protection is disabled when either the WP pin is HIGH or the WPEN bit is “0”. When the chip is hardware write protected, nonvolatile write is disabled to the Control Register, including the Block Protect bits and the WPEN bit itself, as well as the block-protected sections in the memory array. Only the sections of the memory array that are not block-protected can be written. Note: When the WP pin is tied to VSS and the WPEN bit is HIGH, the WPEN bit is write protected. It cannot be changed back to a “0”, as long as the WP pin is held LOW. BP1, BP0: Block Protect Bits The Block Protect (BP0 and BP1) bits are nonvolatile and allow the user to select one of four levels of protection. The X84160/640/128 is divided into four segments. One, two, or all four of the segments may be protected. That is, the user may read the segments but will be unable to alter (write) data within the selected segments. The partitioning is controlled as illustrated in table 3 below. Table 3. Block Lock Protection Control Register Bits Array Address Protected BP1 BP0 X84160 X84640 X84128 Array 00 None None None 01 0600h–07FFh 1800h–1FFFh 3000h–3FFFh upper 1/4 10 0400h–07FFh 1000h–1FFFh 2000h–3FFFh upper 1/2 11 0000–07FFh 0000–1FFFh 0000h–3FFFh Full Array (Not including the control register.) |
Similar Part No. - X84640EG |
|
Similar Description - X84640EG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |