Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6351A Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6351A
Description  Charge Pump Voltage Inverter IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6351A Datasheet HTML 1Page - Torex Semiconductor XC6351A Datasheet HTML 2Page - Torex Semiconductor XC6351A Datasheet HTML 3Page - Torex Semiconductor XC6351A Datasheet HTML 4Page - Torex Semiconductor XC6351A Datasheet HTML 5Page - Torex Semiconductor XC6351A Datasheet HTML 6Page - Torex Semiconductor XC6351A Datasheet HTML 7Page - Torex Semiconductor XC6351A Datasheet HTML 8Page - Torex Semiconductor XC6351A Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
XC6351A
Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Input Voltage
VIN
6.0
V
VOUT Pin Voltage
VOUT
-6~0.3
V
C1+ Pin Voltage
C1+
-0.3~VIN + 0.3
V
C1- Pin Voltage
C1-
VOUT - 0.3~0.3
V
CE/ Pin Voltage
CE/
-0.3~VIN + 0.3
V
IOUT Pin Current
IOUT
50
mA
SOT-26
150
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
-30~+80
Storage Temperature Range
Tstg
-40~+125
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
Note:
1. In operation, the following conditions will be repeated
alternately:
P1 & N3 ON: N2 & N4 OFF
P1 & N3 OFF: N2 & N4 ON
2. In standby mode, P1, N3 & N4 will be ON and N2 will be OFF.
The output pin VOUT will be connected to GND.
Note: Voltage is all ground standardized.
C1+
C1-
VIN
CE/
Buffer
Oscillator
Chip
Enable
GND
P1
N2
N4
N3
VOUT


Similar Part No. - XC6351A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
XC6351A TOREX-XC6351A Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A035DL TOREX-XC6351A035DL Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A035DR TOREX-XC6351A035DR Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
More results

Similar Description - XC6351A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351 TOREX-XC6351_V01 Datasheet
447Kb / 11P
   Charge Pump Voltage Inverter IC
logo
Mitsumi Electronics, Co...
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com