Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6405FV87MR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6405FV87MR
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405FV87MR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6405FV87MR Datasheet HTML 1Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 2Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 3Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 4Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 5Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 6Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 7Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 8Page - Torex Semiconductor XC6405FV87MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5/55
XC6405
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
7.0
V
VR Output Current
VRIOUT
700
mA
VR Output Voltage
VROUT
VSS -0.3 ~ VIN +0.3
V
VD Output Current
VDIOUT
50
mA
VD Output Voltage
VDOUT
VSS -0.3 ~ 7.0
V
VCE / VSEN / Cd
Pin Voltage
VCE
VSEN / Cd
VSS -0.3 ~ VIN +0.3
V
SOT-25
250
Power Dissipation
SOT-89-5
Pd
500
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Output Voltage (*2, 3)
VROUT(E)
IROUT=30mA
×
0.98 VROUT(T) ×1.02
V
Maximum Output Current
(0.9 ~ 2.4V product)
IROUTMAX
VIN=VROUT(T)+2.0V
400
-
-
mA
Maximum Output Current
(2.5 ~ 4.9V product)
IROUTMAX
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
-
-
mA
Load Regulation
VROUT
1mA≦IROUT≦100mA
-
15
50
mV
Vdif1
IROUT=30mA
E-1
mV
Dropout Voltage (*4)
Vdif2
IROUT=100mA
E-2
mV
Supply Current
(No Pull-up Resistor)
IDD
VIN=VEN=VROUT(T)+1.0V,
VROUT≦0.9V, VIN=2.0V
-
90
145
μ
A
Supply Current
(With Pull-up Resistor)
IDD
VIN=VEN=VROUT(T)+1.0V,
VROUT≦0.9V, VIN=2.0V
-
100
165
μ
A
Line Regulation
VROUT
VIN ・VROUT
VROUT(T)+1.0V≦VIN≦6.0V
When VROUT≦0.9V,
2.0V≦VIN≦6.0V, IROUT=30mA
When VROUT≦1.75V, IROUT=10mA
-
0.01
0.20
% / V
Input Voltage
VIN
-
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
VROUT
ToprVROUT
IROUT=30mA
-40℃≦Topr≦85℃
-
±
100
-
ppm
/℃
Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T)≦1.25V
VIN=2.25V+0.5Vp-pAC
When VROUT(T)≧4.75V
VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
-
65
-
dB
Current Limiter
(2.4V or less)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
Current Limiter
(2.5V or more)
IRlim
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
600
-
mA
Short-Circuit Current
IRshort
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
-
50
-
mA
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS XC6405 series
Ta=25℃
XC6405 Series


Similar Part No. - XC6405FV87MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405FV87MR TOREX-XC6405FV87MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405FV87MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com