Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV18C Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWV18C
Description  FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV18C Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWV18C Datasheet HTML 4Page - OSRAM GmbH LWV18C Datasheet HTML 5Page - OSRAM GmbH LWV18C Datasheet HTML 6Page - OSRAM GmbH LWV18C Datasheet HTML 7Page - OSRAM GmbH LWV18C Datasheet HTML 8Page - OSRAM GmbH LWV18C Datasheet HTML 9Page - OSRAM GmbH LWV18C Datasheet HTML 10Page - OSRAM GmbH LWV18C Datasheet HTML 11Page - OSRAM GmbH LWV18C Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LW V18C
2007-08-10
8
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y =
f (I
F); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (Tj); IF = 10 mA
OHL11462
2.0
IF
VF
2.5 3.0 3.5 4.0 4.5 5.0
V 6.0
5
10
-1
10
0
10
5
1
mA
10
5
2
0.230
0
Cy
Cx, Cy
Cx
IF
OHL02095
10
20
30
40
mA 60
0.235
0.240
0.245
0.250
0.255
0.260
0.265
0.270
0.275
0.280
0.285
0.290
0.295
OHL01518
10
10 0
-2
5
-1
10
510 1
5
10
0
V (20 mA)
I
I
V
10
1
mA
I
F
10 2
OHL02870
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j


Similar Part No. - LWV18C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
LWV18G-R2T1-3K6L-1 OSRAM-LWV18G-R2T1-3K6L-1 Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
More results

Similar Description - LWV18C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV28G OSRAM-LWV28G Datasheet
610Kb / 16P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A2290 OSRAM-Q65110A2290 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com