Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWV18C-R1S1-3K5L-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWV18C-R1S1-3K5L-1
Description  FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV18C-R1S1-3K5L-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWV18C-R1S1-3K5L-1 Datasheet HTML 5Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 6Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 7Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 8Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 9Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 10Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 11Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 12Page - OSRAM GmbH LWV18C-R1S1-3K5L-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LW V18C
2007-08-10
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
40
20
0
0
100
80
60
˚C
T
IF
mA
OHL02208
TA
TS
A
T
TS temp. solder point
temp. ambient
5
10
15
20
25
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
0.05
0.10
-2
-3
-4
-5
10
10
10
1
0.15
F
I
0.25
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02204
T
t
P
IF
OHL02205
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.05
0.10
0.15
0.25
0.2
1
0.5
D
0.02
0.1
0.05
0.005
0.01
=


Similar Part No. - LWV18C-R1S1-3K5L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
LWV18G-R2T1-3K6L-1 OSRAM-LWV18G-R2T1-3K6L-1 Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
More results

Similar Description - LWV18C-R1S1-3K5L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV28G OSRAM-LWV28G Datasheet
610Kb / 16P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A2290 OSRAM-Q65110A2290 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com