Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5282IRGCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282IRGCR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282IRGCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5282IRGCR Datasheet HTML 2Page - Texas Instruments ADS5282IRGCR Datasheet HTML 3Page - Texas Instruments ADS5282IRGCR Datasheet HTML 4Page - Texas Instruments ADS5282IRGCR Datasheet HTML 5Page - Texas Instruments ADS5282IRGCR Datasheet HTML 6Page - Texas Instruments ADS5282IRGCR Datasheet HTML 7Page - Texas Instruments ADS5282IRGCR Datasheet HTML 8Page - Texas Instruments ADS5282IRGCR Datasheet HTML 9Page - Texas Instruments ADS5282IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (BY DEVICE)
(1)
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
Typical values at +25
°C. Minimum and maximum values are measured across the specified temperature range of T
MIN =
–40
°C to T
MAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.
ADS5281
ADS5281
ADS5282
HTQFP-80
QFN-64
QFN-64
50MSPS
50MSPS
65MSPS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
Assured
Assured
Assured
DNL
Differential nonlinearity
–0.75
±0.25
+0.75
–0.75
±0.25
+0.75
–0.75
±0.3
+0.75
LSB
INL
Integral nonlinearity
–1.5
±0.7
+1.5
–1.5
±0.7
+1.5
–1.5
±0.7
+1.5
LSB
POWER SUPPLY—INTERNAL REFERENCE MODE
IAVDD
Analog supply current
119
145
119
145
145
TBD
mA
ILVDD
Digital current
Zero input to all channels
76
95
76
95
89
TBD
mA
Total power
530
649.5
530
649.5
639
TBD
mW
Obtained on powering down one
Incremental power saving
51
51
63
mW
channel at a time
POWER SUPPLY—EXTERNAL REFERENCE MODE
IAVDD
Analog supply current
113
113
138
mA
ILVDD
Digital current
Zero input to all channels
76
76
89
mA
Total power
510
510
616
mW
Obtained on powering down one
Incremental power saving
50
50
61
mW
channel at a time
EXTERNAL REFERENCE LOADING
Current drawn by the eight ADCs
from the external reference
Switching current
2.5
2.5
3.5
mA
voltages; sourcing for REFT,
sinking for REFB.
DYNAMIC CHARACTERISTICS
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
SFDR
Spurious-free dynamic range
fIN = 30MHz, differential clock
80
80
80
dBc
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
HD2
Magnitude of second harmonic
fIN = 30MHz, differential clock
82
82
82
dBc
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
HD3
Magnitude of third harmonic
fIN = 30MHz, differential clock
80
80
80
dBc
fIN = 5MHz, single-ended clock
71
80
71
80
71
80
THD
Total harmonic distortion
fIN = 30MHz, differential clock
78
78
78
fIN = 5MHz, single-ended clock
68.3
70
68.3
70
68.3
70
dBFS
SNR
Signal-to-noise ratio
fIN = 30MHz, differential clock
69.8
69.8
69.8
dBFS
fIN = 5MHz, single-ended clock
67.7
69.7
67.7
69.7
67.7
69.7
dBFS
SINAD
Signal-to-noise and distortion
fIN = 30MHz, differential clock
69.5
69.5
69.5
dBFS
(1)
All characteristics are specific to each grade.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282


Similar Part No. - ADS5282IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5282IRGCR TI-ADS5282IRGCR Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282IRGCRG4 TI-ADS5282IRGCRG4 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Similar Description - ADS5282IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com