Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU120NPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU120NPBF
Description  Fast Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU120NPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU120NPBF Datasheet HTML 3Page - International Rectifier IRFU120NPBF Datasheet HTML 4Page - International Rectifier IRFU120NPBF Datasheet HTML 5Page - International Rectifier IRFU120NPBF Datasheet HTML 6Page - International Rectifier IRFU120NPBF Datasheet HTML 7Page - International Rectifier IRFU120NPBF Datasheet HTML 8Page - International Rectifier IRFU120NPBF Datasheet HTML 9Page - International Rectifier IRFU120NPBF Datasheet HTML 10Page - International Rectifier IRFU120NPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U120NPbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS SEMBLY LINE "A"
ASS EMBLED ON WW 16, 1999
EXAMPLE:
WIT H ASS EMBLY
T HIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEEK 16
PART NUMB ER
LOGO
INT ERNAT IONAL
RECT IF IER
AS SEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-F ree"
12
34
WEEK 16
A = ASS EMBLY SITE CODE
PART NUMB ER
IRFU120
LINE A
LOGO
LOT CODE
ASS EMB LY
INT ERNAT IONAL
RECT IF IER


Similar Part No. - IRFU120NPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU120NPBF KERSEMI-IRFU120NPBF Datasheet
3Mb / 10P
   Surface Mount (IRFR120N) Straight Lead (IRFU120N)
logo
VBsemi Electronics Co.,...
IRFU120NPBF VBSEMI-IRFU120NPBF Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - IRFU120NPBF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com