Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9120 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9120
Description  Step-Up DC/DC Controller IC,
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9120 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9120 Datasheet HTML 1Page - Torex Semiconductor XC9120 Datasheet HTML 2Page - Torex Semiconductor XC9120 Datasheet HTML 3Page - Torex Semiconductor XC9120 Datasheet HTML 4Page - Torex Semiconductor XC9120 Datasheet HTML 5Page - Torex Semiconductor XC9120 Datasheet HTML 6Page - Torex Semiconductor XC9120 Datasheet HTML 7Page - Torex Semiconductor XC9120 Datasheet HTML 8Page - Torex Semiconductor XC9120 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
XC9120/XC9121/XC9122 Series
13
2
5
4
1
2
3
4
5
FB
VDD
CE
GND
EXT
PIN NUMBER
SOT-25
USP-6C
PIN NAME
FUNCTION
1
6
FB
Output Voltage Setting Resistor Connection
2
2
VDD
Supply Voltage
CE
Chip Enable (Operates when "H" Level)
3
4
CE (/PWM)
PWM/PFM Switch*
4
3
GND
Ground
5
1
EXT
External Transistor Drive Connection
-
5
NC
No Connection
* The XC9122 series combines the CE pin and PWM/PFM switch pin.
XC9120/9121 Series
CE PIN
IC OPERATIONAL STATE
H
Operation
L
Shut-Down
XC9122 Series
CE/PWM PIN
IC OPERATIONAL STATE
H
More than VDD - 0.2 (V)
Operation (PWM control)
M
0.65 ~ VDD – 1.0 (V)
Operation (PWM/PFM automatic switching control
L
0 ~ 0.2 (V)
Shut-Down
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: With current limiter
Type of DC/DC Controller
D
: No current limiter
② ③
Output Voltage
09
: FB Voltage (ex. FB Voltage=0.9V→②=0, ③=9)
Oscillation Frequency
1
: 100kHz
M
: SOT-25 (SOT-23-5)
Package
E
: USP-6C
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
■ PRODUCT CLASSIFICATION
●Ordering Information
XC9120①②③④⑤⑥: PWM Control
XC9121①②③④⑤⑥: PWM/PFM Automatic Switching Control
XC9122①②③④⑤⑥: PWM/PFM Externally Switching Control
* The dissipation pad for the
USP-6C
package
should
be
solder-plated
in
recommended
mount pattern and metal masking
so as to enhance mounting strength
and heat release. If the pad needs
to be connected to other pins, it
should be connected to the VDD pin
(Pin #2).
■FUNCTION
SOT-25 (TOP VIEW)
USP-6C (BOTTOM VIEW)


Similar Part No. - XC9120

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CAR TOREX-XC9128B45CAR Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CAR-G TOREX-XC9128B45CAR-G Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CDR TOREX-XC9128B45CDR Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CDR-G TOREX-XC9128B45CDR-G Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
More results

Similar Description - XC9120

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com