Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC910D001CASL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC910D001CASL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910D001CASL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC910D001CASL Datasheet HTML 1Page - Torex Semiconductor XC910D001CASL Datasheet HTML 2Page - Torex Semiconductor XC910D001CASL Datasheet HTML 3Page - Torex Semiconductor XC910D001CASL Datasheet HTML 4Page - Torex Semiconductor XC910D001CASL Datasheet HTML 5Page - Torex Semiconductor XC910D001CASL Datasheet HTML 6Page - Torex Semiconductor XC910D001CASL Datasheet HTML 7Page - Torex Semiconductor XC910D001CASL Datasheet HTML 8Page - Torex Semiconductor XC910D001CASL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
XC9101 Series
PIN NUMBER
MSOP-8A
SOP-8
PIN NAME
FUNCTION
1
1
EXT
Driver
2
2
Isen
Current Sense
3
3
VIN
Power Input
4
4
CE/SS
CE/Soft Start
5
5
CLK
Clock Input
6
6
CC/GAIN
Phase Compensation
7
7
VOUT/FB
Voltage Sense
8
8
VSS
Ground
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: VOUT (Fixed voltage type), Soft-start externally set-up
Type of DC/DC Controllers
D
: FB voltage, Soft-start externally set-up
Integer
: e.g. VOUT=2.3V→②=2, ③=3
FB products→②=0, ③=9 fixed
② ③
Output Voltage
A~H
: Voltages above 10V
10=A, 11=B, 12=C, 13=D, 14=E, 15=F, 16=H
e.g. VOUT=13.5V → ②=D, ③=5
Oscillation Frequency
A
: Adjustable
K
: MSOP-8A
Package
S
: SOP-8
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC9101①②③④⑤⑥
The standard output voltages of the XC9101C series are 2.5V, 3.3V, and 5.0V.
Voltages other than those listed are semi-custom.
MSOP-8A
(TOP VIEW)
SOP-8
(TOP VIEW)


Similar Part No. - XC910D001CASL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC910D001CASL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com