Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9206 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9206
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9206 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9206 Datasheet HTML 4Page - Torex Semiconductor XC9206 Datasheet HTML 5Page - Torex Semiconductor XC9206 Datasheet HTML 6Page - Torex Semiconductor XC9206 Datasheet HTML 7Page - Torex Semiconductor XC9206 Datasheet HTML 8Page - Torex Semiconductor XC9206 Datasheet HTML 9Page - Torex Semiconductor XC9206 Datasheet HTML 10Page - Torex Semiconductor XC9206 Datasheet HTML 11Page - Torex Semiconductor XC9206 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
XC9206/XC9207/XC9208 Series
■OPERATIONAL EXPLANATION (Continued)
●XC9206A / 07A series - Examples of how to use CE/MODE pin
●XC9208A series - Examples of how to use CE/MODE pin
Intermediate voltage can be generated by RM1 and RM2.
Please set the value of each R1, R2, RM1, RM2 at around 100k
Ω.
For switches, CPU open-drain I/O port and transistor can be used.
< PWM / PFM >
XC9207/9208 series features PWM/PFM automatic switching control.
With the automatic PWM/PFM switching control function, the series ICs are automatically switched from PWM control to
PFM control mode under light load conditions.
If during light load conditions the coil current becomes discontinuous and
on-time rate falls lower than PFM duty, the PFM circuit operates to output a pulse with a fixed on-time rate from the Lx pin.
During PFM operation with this fixed on-time rate, pulses are generated at different frequencies according to conditions of
the moment.
This causes a reduction in the number of switching operations per unit of time, resulting in efficiency
improvement under light load conditions.
However, since pulse output frequency is not constant, consideration should be
given if a noise filter or the like is needed.
Necessary conditions for switching to PFM operation depend on input voltage,
load current, coil value and other factors.
(A)
(B)
(A)
(B)
< U.V.L.O. Circuit>
When the VIN pin voltage becomes 1.4 V or lower, the P-channel output driver transistor is forced OFF to prevent false pulse
output caused by unstable operation of the internal circuitry.
When the VIN pin voltage becomes 1.8 V or higher, switching
operation takes place.
By releasing the U.V.L.O. function, the IC performs the soft start function to initiate output startup
operation.
The soft start function operates even when the VIN pin voltage falls momentarily below the U.V.L.O. operating
voltage.
The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse output to be suspended;
therefore, the internal circuitry remains in operation.
< Function of CE/MODE pin >
The XC9206/9207/9208 series will enter into shut down state by inputting a low level signal to the CE/MODE pin.
During a
shut down state, the current consumption of the IC becomes 0
μA (TYP.), with a state of high impedance at the Lx pin and
VOUT pin.
The IC starts its operation by inputting a high level signal to the CE/MODE pin.
The input of the CE/MODE pin is
a CMOS input and the sink current is 0
μA (TYP.).
SW_CE
STATUS
ON
Chip Disable
A
OFF
PWM control (XC9206),
PWM/PFM automatic switching control (XC9207)
ON
PWM control (XC9206),
PWM/PFM automatic switching control (XC9207)
B
OFF
Chip Disable
SW_CE
SW_PMW/PFM
STATUS
ON
*
Synchronous PWM control
OFF
ON
Non-synchronous PWM/PFM
automatic switching control
A
OFF
OFF
Chip Disable
ON
*
Chip Disable
OFF
ON
Non-synchronous PWM/PFM
automatic switching control
B
OFF
OFF
Synchronous PWM control


Similar Part No. - XC9206

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206153ML TOREX-XC9206153ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206153MR TOREX-XC9206153MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156ML TOREX-XC9206156ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156MR TOREX-XC9206156MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC9206

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com