Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9213 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor XC9213 Datasheet HTML 10Page - Torex Semiconductor XC9213 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7/34
XC9213
Series
Circuit 8
Circuit 9
Circuit 10
Circuit 11
Circuit 12
Circuit 13
■TEST CIRCUITS (Continued)
VIN
VSE NSE
VL
CE
AGND
MODE
CPR
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
100pF
+
-
+
-
+
-
+
-
1uF
10uF
4700pF
OSC
+
-
100kΩ 100kΩ
RSENSE: 33 mΩ
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
ceramic
4700pF
ceramic
1uF
XB01SB04A2BR(TOREX)
ceramic
10uF+10uF
CMS02
(TOSHIBA)
VL
VIN
GND
7.4uH(SUMIDA)
200kΩ
100kΩ
ceramic
47pF
100kΩ
100kΩ
IRF7313
(IR)
ceramic
1uF
VIN
VOUT
RSENSE: 33 mΩ
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
ceramic
4700pF
ceramic
1uF
XB01SB04A2BR(TOREX)
ceramic
10uF+10uF
CMS02
(TOSHIBA)
VL
ceramic
4700pF
VIN
GND
7.4uH(SUMIDA)
200kΩ
100kΩ
ceramic
47pF
100kΩ
100kΩ
IRF7313
(IR)
ceramic
1uF
VIN
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
+
-
+
-
1uF
10uF
OSC
+
-
100pF
100kΩ
100kΩ
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
+
-
+
-
1uF
10uF
O
SC
+
-
100pF
100kΩ
100kΩ
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
100pF
+
-
+
-
+
-
1uF
10uF
OSC
+
-
10uF
50kΩ
OSC
OSC
OSC
OSC


Similar Part No. - XC9213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
XC9213B103VRL TOREX-XC9213B103VRL Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
XC9213B103VX TOREX-XC9213B103VX Datasheet
1Mb / 33P
   Synchronous Bootstrap N-ch & N-ch Driver
XC9213 TOREX-XC9213_1 Datasheet
1Mb / 33P
   Synchronous Bootstrap N-ch & N-ch Driver
More results

Similar Description - XC9213

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com