Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9221 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9221
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9221 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9221 Datasheet HTML 2Page - Torex Semiconductor XC9221 Datasheet HTML 3Page - Torex Semiconductor XC9221 Datasheet HTML 4Page - Torex Semiconductor XC9221 Datasheet HTML 5Page - Torex Semiconductor XC9221 Datasheet HTML 6Page - Torex Semiconductor XC9221 Datasheet HTML 7Page - Torex Semiconductor XC9221 Datasheet HTML 8Page - Torex Semiconductor XC9221 Datasheet HTML 9Page - Torex Semiconductor XC9221 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/22
XC9220/XC9221 Series
■TYPICAL APPLICATION CIRCUITS
● External Components
Pch MOSFET: 2SJ646 (SANYO)
SBD: DE5PC3 (SHINDENGEN)
L: CDRH8D28-4R7 (4.7μH, SUMIDA / Fosc=1.0MHz)
CDRH8D43-100 (10μH, SUMIDA / Fosc=500kHz)
CDRH127-220 (22μH, SUMIDA / Fosc=300kHz)
CIN: 47μF (OS-CON, SANYO)
CL: 47μF (OS-CON, SANYO)
■OPERATIONAL EXPLANATION
The XC9220/XC9221 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator,
phase compensation circuit, protection circuits, U.V.L.O. circuit and others. The series ICs compare, using the error
amplifier, the voltage of the internal voltage reference source with the feedback voltage from the VOUT pin through split
resistors. Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM
comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms of voltage
level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output
to the buffer driver circuit to cause the EXT pin to output a switching duty cycle. This process is continuously performed
to ensure stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Oscillator>
The oscillator determines switching frequency. The frequency is fixed internally and can be selected from 300kHz,
500kHz and 1.0MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM
operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the
feedback voltage (FB pin voltage) divided by the internal split resistors. When a voltage lower than the reference
voltage is fed back, the output voltage of the error amplifier increases. The gain and frequency characteristics of the
error amplifier output are fixed internally to deliver an optimized signal to the PWM comparator.
<Control Methods>
The XC9220 series is PWM control, and the XC9221 series is PWM/PFM automatic switching mode. In the XC9220
series, it is controlled at a constant frequency from light load to heavy load. When a noise etc. is concerned, it is easy
to set up a filter etc. since the frequency is fixed. On the other hand, the efficiency at the time of light load may fall.
In the XC9221 series, the high efficiency can be drawn from PFM control at the time of light load. In PWM/PFM
automatic switching mode, a control method is automatically changed from PWM control to PFM control at the time of
light load. If coil current becomes discontinuous at the time of light load, ON time duty intends to reduce less than
25%. Therefore, the PFM circuit operates to output the pulse, which ON time duty fixed to 25% from the EXT/pin. The
ON time duty is fixed when PFM operation. The pulse is outputted with the cycle suitable for the conditions at that
time. In order that the number of times of switching per unit time may decrease, the efficiency, which it is at the light
load time is improved. However, output cycle of the pulse cannot be fixed. For this, the circuit should be designed
with this point in mind when using a noise filter etc. The conditions shifting to the PFM operation is depend on values
of input voltage, load current, coil and so on.


Similar Part No. - XC9221

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9221

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com