Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9224 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9224
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9224 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9224 Datasheet HTML 1Page - Torex Semiconductor XC9224 Datasheet HTML 2Page - Torex Semiconductor XC9224 Datasheet HTML 3Page - Torex Semiconductor XC9224 Datasheet HTML 4Page - Torex Semiconductor XC9224 Datasheet HTML 5Page - Torex Semiconductor XC9224 Datasheet HTML 6Page - Torex Semiconductor XC9224 Datasheet HTML 7Page - Torex Semiconductor XC9224 Datasheet HTML 8Page - Torex Semiconductor XC9224 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
XC9223/XC9224 Series
MSOP-10
(TOP VIEW)
USP-10B
(BOTTOM VIEW)
■FUNCTION CHART
1
2
3
4
8
7
6
5
VIN
AGND
FB
LIM
PGND
LX
CE
MODE/SYNC
CE PIN
OPERATIONAL STATE
H
ON
L
OFF *1
*1: Except for a voltage detector block in the XC9224 series.
MODE PIN
FUNCTION
H
PWM Control
L
PWM/PFM Automatic Control
LIM PIN
FUNCTION
H
Maximum Output Current: 1.0A
L
Maximum Output Current: 0.4A
PIN NUMBER
MSOP-10 *
USP-10B *
SOP-8 **
PIN NAME
FUNCTION
1
1
1
VIN
Input
2
2
-
VDIN
Voltage Detector Input
3
3
2
AGND
Analog Ground
4
4
-
VDOUT
VD Output
5
5
3
FB
Output Voltage Monitor
6
6
4
LIM
Over Current Limit Setting
7
7
5
MODE/SYNC
Mode Switch / External Clock Input
8
8
6
CE
Chip Enable
9
9
7
Lx
Output of Internal Power Switch
10
10
8
PGND
Power Ground
5
4
3
6
7
8
2
9
110
FB
AGND
VDOUT
VDIN
VIN
LIM
MODE/SYNC
CE
LX
PGND
■PIN CONFIGURATION
■PIN ASSIGNMENT
VIN 1
VDIN 2
AGND 3
VDOUT 4
FB 5
10 PGND
9 LX
8 CE
7 MODE/SYNC
6 LIM
1. CE Pin Function
2. MODE Pin Function
3. LIM Pin Function
SOP-8
(TOP VIEW)
* For MSOP-10 and USP-10B packages, please short the GND pins (pin #3 and 10)
** For SOP-8 package, please short the GND pins (pin# 2 and 8)


Similar Part No. - XC9224

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9224 TOREX-XC9224 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9224B081AL TOREX-XC9224B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9224B081AR TOREX-XC9224B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9224B081DL TOREX-XC9224B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9224B081DR TOREX-XC9224B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9224

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com