Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5071CASA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5071CASA
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5071CASA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5071CASA Datasheet HTML 5Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 6Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 7Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 8Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 9Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 10Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 11Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 12Page - Maxim Integrated Products MAX5071CASA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
_______________________________________________________________________________________
9
OUT SOURCE AND SINK CURRENTS
MAX5070 toc20
VCC = 15V
IOUT
2A/div
VOUT
10V/div
20Ons/div
COUT = 10nF
2
4
3
5
8
9
7
6
10
20
220 320 420 520
120
620 720 820 920 1020
SUPPLY CURRENT (ICC)
vs. OSCILLATOR FREQUENCY (CT = 100pF)
FREQUENCY (kHz)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
MAX5070A/MAX5071A
MAXIMUM DUTY CYCLE vs. RT
RT (Ω)
10k
1k
30
40
50
60
70
80
90
100
20
100
100k
CT = 1nF
CT = 560pF
CT = 220pF
CT = 100pF
Typical Operating Characteristics (continued)
(VCC = 15V, TA = +25°C, unless otherwise noted.)
Pin Descriptions
PIN
NAME
FUNCTION
1
COMP
Error-Amplifier Output. COMP can be used for soft-start.
2
FB
Error-Amplifier Inverting Input
3CS
Input to the PWM Comparator and Overcurrent Protection Comparator. The current-sense signal is
compared to a signal proportional to the error-amplifier output voltage.
4RT/CT
Timing Resistor and Capacitor Connection. A resistor RT from RT/CT to VREF and capacitor CT from
RT/CT to GND set the oscillator frequency.
5
GND
Power-Supply Ground. Place the VCC and VREF bypass capacitors close to the IC to minimize
ground loops.
6
OUT
MOSFET Driver Output. OUT connects to the gate of the external n-channel MOSFET.
7VCC
Power-Supply Input for MAX5070. Bypass VCC to GND with a 0.1µF ceramic capacitor or a parallel
combination of a 0.1µF and a higher value ceramic capacitor.
8
VREF
5V Reference Output. Bypass VREF to GND with a 0.1µF ceramic capacitor or a parallel combination
of a 0.1µF and a higher value ceramic capacitor.
MAX5070A/MAX5070B


Similar Part No. - MAX5071CASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX507-MAX508 MAXIM-MAX507-MAX508 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072 Datasheet
248Kb / 9P
   fully assembled and tested circuit board
Rev 0; 3/05
MAX5072 MAXIM-MAX5072 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
More results

Similar Description - MAX5071CASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com