Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9220A09AMR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9220A09AMR
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220A09AMR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9220A09AMR Datasheet HTML 1Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 2Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 3Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 4Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 5Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 6Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 7Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 8Page - Torex Semiconductor XC9220A09AMR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
XC9220/XC9221
Series
●XC9220/21A and C series
● XC9220/21B and D series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
- 0.3 ~ + 18.0
V
FB Pin Voltage
VFB
- 0.3 ~ VIN + 0.3
V
CE/CSS Pin Voltage
CE
- 0.3 ~ VIN + 0.3
V
EXT/ Pin Voltage
VEXT
- 0.3 ~ VIN + 0.3
V
EXT/ Pin Current
IEXT
+ 100
mA
SOT-25
250
Power Dissipation
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
O
C
Storage Temperature Range
Tstg
- 55 ~ +125
O
C
■ ABSOLUTE MAXIMUM RATINGS
Ta = 25OC
■BLOCK DIAGRAMS


Similar Part No. - XC9220A09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220A09AMR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com