Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC910C001DKSL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC910C001DKSL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910C001DKSL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC910C001DKSL Datasheet HTML 4Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 5Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 6Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 7Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 8Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 9Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 10Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 11Page - Torex Semiconductor XC910C001DKSL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/22
XC9101 Series
XC9101D09AKR
NMOS
: XP161A11A1PR
Coil
: 22μH (CDRH127 SUMIDA)
Resistor
: 10mΩ for ISEN (NPR1 KOA), 33kΩ(trimmer) for CLK, 150kΩ for SS
Capacitors
: 180pF (ceramic) for CLK, 470pF (ceramic) for CC/GAIN, 0.1μF (ceramic) for SS, 1μF (ceramic) for Bypass
47μF (OS)+220μF (any) for CL, 220μF (any) for CIN
SD
: U5FWJ44N (TOSHIBA)
VOUT
: 16V
RFB1
: 560kΩ
RFB2
: 33kΩ
CFB
: 27pF
VOUT
: 20V
RFB1
: 470kΩ
RFB2
: 22kΩ
CFB
: 33pF
TYPICAL APPLICATION CIRCUITS (Continued)


Similar Part No. - XC910C001DKSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC910C001DKSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com