Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9220B09AMR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9220B09AMR
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220B09AMR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9220B09AMR Datasheet HTML 5Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 6Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 7Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 8Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 9Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 10Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 11Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 12Page - Torex Semiconductor XC9220B09AMR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
XC9220/XC9221
Series
● Output Voltage Setting
Output voltage can be set by adding split resistors. Output voltage is determined by the following equation, based on
the values of RFB1 and RFB2. The sum of RFB1 and RFB2 should normally be 1MΩ or less.
VOUT = 0.9 x (RFB1 + RFB2) / RFB2
The value of CFB, speed-up capacitor for phase compensation, should be adjusted by the following equation. Fzfb
should usually be 5kHz. Adjustments are required from 1kHz to 20kHz depending on the application, value of
inductance (L), and value of load capacity (CL).
CFB = 1 / (2 x
π x RFB1 x fzfb)
[Sample calculation: Setting 3.3V VOUT]
RFB1 = 200k
Ω, RFB2=75kΩ, VOUT = 0.9 x (200k + 75k) / 75k = 3.300V
CFB = 1 / (2 x
π x 200k x 5k) =150pF
[Typical examples]
VOUT
(V)
RFB1
(kΩ)
RFB2
(kΩ)
CFB
(pF)
VOUT
(V)
RFB1
(kΩ)
RFB2
(kΩ)
CFB
(pF)
1.2
100
300
330
3.3
200
75
150
1.5
180
270
180
5.0
150
33
220
1.8
220
220
150
12.0
160
13
180
IOUT
UP TO 500mA
UP TO 1A
UP TO 2A
UP TO 3A
P-ch MOSFET (*1)
CPH3308
(SANYO)
2SJ616
(SANYO)
2SJ646
(SANYO)
Schottky Barrier Diode
(SBD) (*2)
XB01SB04A2BR
(TOREX)
D1FH3 (SHINDENGEN)
CMS02 (TOSHIBA)
DE5PC3
(SHINDENGEN)
*1: Recommended to use P-ch MOSFET with Ciss less than 1500pF.
*2: SBD should be used with high-toned reverse characteristics.
OUTPUT VOLTAGE
RSENSE (mΩ)
VOUT≦2.5V
100
VOUT>2.5V
50
● Recommended MOSFET and SBD (Examples)
● Ceramic Capacitor
With the XC9220/9221 series, a ceramic capacitor can be used as an output capacitor (CL). RSENSE resistor
is required for using the ceramic capacitor. The value of RSENSE resistor is determined depending on the
setting output voltage as the chart below.
<External Components>
P-ch MOSFET: 2SJ646 (SANYO)
SBD: DE5PC3 (SHINDENGEN)
L: CDRH8D28-4R7 (4.7μH, SUMIDA / Fosc=1.0MHz)
CDRH8D43-100 (10μH, SUMIDA / Fosc=500kHz)
CDRH127-220 (22μH, SUMIDA / Fosc=300kHz)
CIN: 22μF (ceramic)
CL: 22μF (ceramic / Fosc=1.0MHz, 500kHz)
47μF (ceramic / Fosc=300kHz)
RSENSE: 100mΩ (VOUT≦2.5V)
50mΩ (VOUT>2.5V)
■OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9220B09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220B09AMR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com