Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9501 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9501
Description  2ch.Step-Up/Up DC/DC Controller ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9501_1 Datasheet HTML 1Page - Torex Semiconductor XC9501_1 Datasheet HTML 2Page - Torex Semiconductor XC9501_1 Datasheet HTML 3Page - Torex Semiconductor XC9501_1 Datasheet HTML 4Page - Torex Semiconductor XC9501_1 Datasheet HTML 5Page - Torex Semiconductor XC9501_1 Datasheet HTML 6Page - Torex Semiconductor XC9501_1 Datasheet HTML 7Page - Torex Semiconductor XC9501_1 Datasheet HTML 8Page - Torex Semiconductor XC9501_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4/27
XC9501 Series
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUIT
Supply Voltage
(* 1)
VDD
2.0
-
10.0
V
-
VDD≧2.0V IOUT1,2=1mA
VOUT1, VOUT2
0.9
-
-
V
VOUT1
2.0
-
10.0
V
VIN ≧0.9V IOUT1,2=1mA
(* 2)
VOUT2
0.9
-
-
V
VOUT1
0.9
-
-
V
Output Voltage Range
(* 4)
VIN≧0.9V IOUT1,2=1mA
(* 3)
VOUT2
2.0
-
10.0
V
Supply Current 1
IDD1
FB1, 2=0V
-
70
100
μ
A
EN1=3.0V, EN2=0V, FB1=0V
Supply Current 1-1
IDD1-1
EN2=3.0V, EN1=0V, FB2=0V
-
50
80
μ
A
FB1=0V, FB2=1.0V
Supply Current 1-2
IDD1-2
FB1=1V, FB2=0V
-
80
150
μ
A
Supply Current 2
IDD2
FB1, 2=1.0V
-
60
90
μ
A
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
-
3.0
μ
A
Oscillation Frequency
FOSC
Same as IDD1
85
100
115
kHz
EN1, 2 "High" Voltage
VENH
FB1, 2=0V
0.65
-
-
V
EN1, 2 "Low" Voltage
VENL
FB1, 2=0V
-
-
0.20
V
EN1, 2 "High" Current
IENH
FB1, 2=3.0V
-
-
0.50
μ
A
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1, 2=3.0V
-
-
-0.50
μ
A
PWM1, 2 "High" Current
IPWMH
FB1, 2=3.0V, PWM=3.0V
-
-
0.50
μ
A
PWM1, 2 "Low" Current
IPWML
FB1, 2=3.0V, PWM=0V
-
-
-0.50
μ
A
FB1, 2 "High" Current
IFBH
FB1, 2=3.0V
-
-
0.50
μ
A
FB1, 2 "Low" Current
VFBL
FB1, 2=1.0V
-
-
-0.50
μ
A
Unless otherwise stated, VDD=3.0V, PWM1, 2=3.0V, EN1, 2 = 3.0V
XC9501B091A Common Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUIT
FB1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
Using Tr: 2SD1628,
IOUT=1.0mA, RFB11=200kΩ, RFB12=75kΩ
-
-
0.9
V
Operation Start-up
Voltage 1
(* 2)
VST1-1
VDD ≠VOUT1: IOUT1=1mA
-
-
2.0
V
Oscillation Start Voltage 1
VST2-1
FB1=0V
-
-
0.8
V
Maximum Duty Ratio 1
MAXDTY1
Same as IDD1
75
80
88
%
PFM Duty Ratio 1
PFMDTY1
No Load, VPWM1=0V
22
30
38
%
Efficiency 1
EFFI1
IOUT1=100mA N-ch MOSFET: XP161A1355P
-
83
-
%
Soft-Start Time 1
TSS1
VOUT1×0.95V, EN1=0V→0.65V
5.0
10.0
20.0
ms
EXT1 "High" ON Resistance
REXTBH1
FB1=0, EXT1=VDD-0.4V
-
28
47
Ω
EXT1 "Low" ON Resistance
REXTBL1
EN1=FB2=0V, EXT1=0.4V
-
22
30
Ω
PWM1 "High" Voltage
VPWMH1
No Load
0.65
-
-
V
PWM1 "Low" Voltage
VPWML1
No Load
-
-
0.20
V
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 1 Characteristics Step-Up Controller
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUIT
FB2 Voltage
VFB2
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
Using Tr: 2SD1628,
IOUT1=1.0mA, RFB21=200kΩ,RFB22=75kΩ
-
-
0.9
V
Operation Start-up
Voltage2
(* 3)
VST1-2
VDD≠VOUT2 : IOUT2=1mA
-
-
2.0
V
Oscillation Start Voltage 2
VST2-2
FB2=0V
-
-
0.8
V
Maximum Duty Ratio 2
MAXDTY2
Same as IDD1
75
80
85
%
PFM Duty Ratio 2
PFMDTY2
No Load, VPWM2=0V
22
25
38
%
Efficiency 2
EFFI2
IOUT2=100mA, N-ch MOSFET: XP161A1355P
-
83
-
%
Soft-Start Time 2
TSS2
VOUT1 × 0.95V, EN2=0V→0.65V
5.0
10.0
20.0
ms
EXT2 "High" ON Resistance
REXTBH2
FB2=0, EXT2=VDD-0.4V
-
28
47
Ω
EXT2 "Low" ON Resistance
REXTBL2
EN2=FB2=0V, EXT2=0.4V
-
22
30
Ω
PWM2 "High" Voltage
VPWMH2
No Load
0.65
-
-
V
PWM2 "Low" Voltage
VPWML2
No Load
-
-
0.20
V
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=1.8V
Output 2 Characteristics
Step-Up Controller
Ta=25℃
(FOSC = 100kHz)
Ta=25℃
(FOSC = 100kHz)
Ta=25℃
(FOSC = 100kHz)


Similar Part No. - XC9501_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9501B092AL TOREX-XC9501B092AL Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9501B092AR TOREX-XC9501B092AR Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9501B093AL TOREX-XC9501B093AL Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9501B093AR TOREX-XC9501B093AR Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9501B095AL TOREX-XC9501B095AL Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
More results

Similar Description - XC9501_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503_1 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com