Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6680A Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 7Page - STMicroelectronics PM6680A Datasheet HTML 8Page - STMicroelectronics PM6680A Datasheet HTML 9Page - STMicroelectronics PM6680A Datasheet HTML 10Page - STMicroelectronics PM6680A Datasheet HTML 11Page - STMicroelectronics PM6680A Datasheet HTML 12Page - STMicroelectronics PM6680A Datasheet HTML 13Page - STMicroelectronics PM6680A Datasheet HTML 14Page - STMicroelectronics PM6680A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
PM6680A
Electrical characteristics
11/48
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
High and low gate drivers
HGATE
driver on-resistence
HGATEx high state (pullup)
2.0
3
HGATEx low state (pulldown)
1.6
2.7
LGATE
driver on-resistance
LGATEx high state (pullup)
1.4
2.1
LGATEx low state (pulldown)
0.8
1.2
PGOOD pins UVP/OVP protections
OVP
Over voltage threshold
Both SMPS sections with
respect to VREF
112
116
120
%
UVP
Under voltage threshold
65
68
71
%
PGOOD1,2
Upper threshold
(VFB-VREF)
107
110
113
%
Lower threshold
(VFB-VREF)
88
91
94
%
IPGOOD1,2
PGOOD leakage current
VPGOOD1,2 forced to 5.5 V
1
µA
VPGOOD1,2
Output low voltage
ISink = 4 mA
150
250
mV
Thermal shutdown
TSDN
Shutdown temperature
150
°C
Power management pins
EN1,2
SMPS disabled level
0.8
V
SMPS enabled level
2.4
FSEL
Frequency selection range
Low level (3)
0.5
V
Middle level (3)
1.0
VLDO5-
1.5
High level (3)
VLDO5-
0.8
SKIP
Pulse skip mode
(3)
0.5
V
PWM mode
(3)
1.0
VLDO5-
1.5
Ultrasonic mode
(3)
VLDO5-
0.8
Input leakage current
VEN1,2 = 0
to 5 V
1
µA
VSKIP = 0
to 5 V
1
VSHDN = 0 to 5 V
1
VFSEL = 0 to 5 V
1
3. By design
Table 5.
Electrical characteristics (continued)
(TA = -40 °C to 125 °C, unless otherwise specified. All parameters at operating temperature
extremes are guaranteed by design and statistical analysis (not production tested).


Similar Part No. - PM6680A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
   No Rsense dual step-down controller with adjustable voltages for notebook system power
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
   No Rsense dual step-down controller with adjustable voltages for notebook system power
PM6680TR STMICROELECTRONICS-PM6680TR Datasheet
2Mb / 49P
   No Rsense dual step-down controller with adjustable voltages for notebook system power
PM6680TR STMICROELECTRONICS-PM6680TR Datasheet
2Mb / 49P
   No Rsense dual step-down controller with adjustable voltages for notebook system power
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
   No Rsense dual step-down controller with adjustable voltages for notebook system power
More results

Similar Description - PM6680A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
   Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
   Dual step-down controller with auxilary voltages
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com