Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9104B091ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9104B091ML
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9104B091ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9104B091ML Datasheet HTML 3Page - Torex Semiconductor XC9104B091ML Datasheet HTML 4Page - Torex Semiconductor XC9104B091ML Datasheet HTML 5Page - Torex Semiconductor XC9104B091ML Datasheet HTML 6Page - Torex Semiconductor XC9104B091ML Datasheet HTML 7Page - Torex Semiconductor XC9104B091ML Datasheet HTML 8Page - Torex Semiconductor XC9104B091ML Datasheet HTML 9Page - Torex Semiconductor XC9104B091ML Datasheet HTML 10Page - Torex Semiconductor XC9104B091ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
XC9103/XC9104/XC9105
Series
■ OPERATIONAL EXPLANATION
The XC9103/04/05 series are step-up DC/DC converter controller ICs with built-in high speed, low ON resistance drivers.
<Error Amp.>
Error amplifier is designed to monitor the output voltage, comparing the feedback voltage (FB) with the reference voltage
Vref. In response to feedback of a voltage lower than the reference voltage Vref, the output voltage of the error amp.
decreases.
<OSC Generator>
This circuit generates the internal reference clock.
<Ramp Wave Generator>
The ramp wave generator generates a saw-tooth waveform based on outputs from the OSC Generator.
<PWM Comparator>
The PWM comparator compares outputs from the error amp. and saw-tooth waveform. When the voltage from the Error
Amp's output is low, the external switch will be set to ON.
<PWM/PFM Controller>
This circuit generates PFM pulses.
The PWM/PFM automatic switching mode switches between PWM and PFM automatically depending on the load. The
PWM/PFM automatic switching mode is selected when the voltage of the CE pin is less than VDD - 1.0V, and the control
switches between PWM and PFM automatically depending on the load. PWM/PFM control turns into PFM control when
threshold voltage becomes lower than voltage of error amps. PWM control mode is selected when the voltage of the CE
pin is more than VDD - 0.2V. Noise is easily reduced with PWM control since the switching frequency is fixed. The series is
suitable for noise sensitive portable audio equipment as PWM control can suppress noise during operation and PWM/PFM
switching control can reduce consumption current during light load in stand-by.
<Vref 1 with Soft Start>
The reference voltage, Vref (FB pin voltage)=0.9V, is adjusted and fixed by laser trimming (for output voltage settings,
please refer to the notes on next page). To protect against inrush current, when the power is switched on, and also to
protect against voltage overshoot, soft-start time is set internally to 10ms. It should be noted, however, that this circuit
does not protect the load capacitor (CL) from inrush current. With the Vref voltage limited and depending upon the input to
the error amps, the operation maintains a balance between the two inputs of the error amps and controls the EXT pin's ON
time so that it doesn't increase more than is necessary.
<Enable Function>
This function controls the operation and shutdown of the IC. When the voltage of the CE pin is 0.2V or less, the mode will
be disable, the channel's operations will stop and the EXT1 pin will be kept at a low level (the external N-type MOSFET will
be OFF). When the IC is in a state of disable, current consumption will be no more than 1.0μA.
When the CE pin's voltage is 0.65V or more, the mode will be enabled and operations will recommence.


Similar Part No. - XC9104B091ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9104B091ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com