Selected language     English  ā–¼


74VHCT02 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74VHCT02
Description  QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
74VHCT02A
QUAD 2-INPUT NOR GATE
Ā®
August 1999
PIN CONNECTION AND IEC LOGIC SYMBOLS
s
HIGH SPEED: tPD = 3.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
ĀµA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
ā‰… tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT02A is an advanced high-speed
CMOS QUAD 2-INPUT NOR GATE fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
ORDER CODES :
74VHCT02AM
74VHCT02AT
M
(Micro Package)
T
(TSSOP Package)
1/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74LCX02LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreMotorola, Inc
SN54LS02QUAD 2-INPUT NOR GATE 1 2 Motorola, Inc
CD4070BMQuad 2-Input EXCLUSIVE-OR NOR Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
M54HC02QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
54ACTQ02Quad 2-Input NOR Gate 1 2 3 4 5 National Semiconductor (TI)
MC74LCX02LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreON Semiconductor
74ABT02Quad 2-input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
74ALS02Quad 2-Input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
74VHC02QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl