Electronic Components Datasheet Search
Selected language     English  ā–¼


74VHCT05A Datasheet(PDF) 6 Page - STMicroelectronics

Part No. 74VHCT05A
Description  HEX INVERTER (OPEN DRAIN)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 6 page
background image
74VHCT05A
6/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45Ā° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8Ā° (max.)
SO-14 MECHANICAL DATA
PO13G




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC05Hex Inverter with Open Drain Outputs 1 2 3 4 Fairchild Semiconductor
ACS05MSRadiation Hardened Hex Inverter with Open Drain Outputs 1 2 Intersil Corporation
M74HC05HEX INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
HCS05MSRadiation Hardened Hex Inverter with Open Drain 1 2 3 4 5 MoreIntersil Corporation
MC74LCX05LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN 1 2 3 4 Motorola, Inc
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX06Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreON Semiconductor
MM74HC05Hex Inverter Open Drain 1 2 3 4 National Semiconductor (TI)
54AC05Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVX05LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl