Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4500 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4500
Description  Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4500 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4500 Datasheet HTML 1Page - OSRAM GmbH SFH4500 Datasheet HTML 2Page - OSRAM GmbH SFH4500 Datasheet HTML 3Page - OSRAM GmbH SFH4500 Datasheet HTML 4Page - OSRAM GmbH SFH4500 Datasheet HTML 5Page - OSRAM GmbH SFH4500 Datasheet HTML 6Page - OSRAM GmbH SFH4500 Datasheet HTML 7Page - OSRAM GmbH SFH4500 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2008-01-14
4
SFH 4500, SFH 4505
Temperaturkoeffizient von V
F
Temperature coefficient of V
F
I
F = 100 mA
TC
V
– 1.5
mV/K
Temperaturkoeffizient von
λ
Temperature coefficient of
λ
I
F = 100 mA
TCλ
+ 0.2
nm/K
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel von
= 0.01 sr
Radiant Intensity I
e in Axial Direction
measured at a solid angle of
= 0.01 sr
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
e min
I
e typ
25
85
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 µs
I
e typ
550
mW/sr
Kennwerte (T
A = 25 °C) (cont’d)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit


Similar Part No. - SFH4500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
More results

Similar Description - SFH4500

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4202 OSRAM-SFH4202 Datasheet
248Kb / 9P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4203 OSRAM-SFH-4203 Datasheet
218Kb / 7P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4209 OSRAM-SFH-4209 Datasheet
233Kb / 9P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4556 OSRAM-SFH4556 Datasheet
261Kb / 7P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4850E7800 OSRAM-SFH4850E7800 Datasheet
213Kb / 7P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com