Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9220D095ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9220D095ML
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220D095ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9220D095ML Datasheet HTML 3Page - Torex Semiconductor XC9220D095ML Datasheet HTML 4Page - Torex Semiconductor XC9220D095ML Datasheet HTML 5Page - Torex Semiconductor XC9220D095ML Datasheet HTML 6Page - Torex Semiconductor XC9220D095ML Datasheet HTML 7Page - Torex Semiconductor XC9220D095ML Datasheet HTML 8Page - Torex Semiconductor XC9220D095ML Datasheet HTML 9Page - Torex Semiconductor XC9220D095ML Datasheet HTML 10Page - Torex Semiconductor XC9220D095ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
XC9220/XC9221
Series
<Soft-Start Time>
The XC9220/XC9221B and D series can adjust the soft-start time externally via the CE pin. The soft-start function
operates until the CE pin voltage becomes 2.6V. Please refer to the following equation for calculating the soft-start
time. Minimum soft-start time is equal to the time set internally.
TSS= - CSS x RSS x In { (VCE – 2.2) / VCE }
CE/CSS PIN
VCE
Rss
Css
CE/CSS
PIN
VCE
Rss
Css
ON/OFF
Signal
> Circuit Examle2 : CMOS logic (low current dissipation)
CE/CSS
PIN
VCE
Rss
Css
ON/OFF
Signal
> Cicuit Examle3 : CMOS logic (low current dissipation, quick off)
> Circuit Example1 : N-ch Open Drain
CE/CSS
PIN
VCE
Rss
Css
ON/OFF
Signal
Internal
sotf-starttime:Tss1
(XC9220/21A series)
Externallyset
soft-starttime:Tss2
(XC9220/21A series)
Minimum soft-start time
when externallyset:
Tss2_min =Tss1
XC9220/21A series
XC9220/21B series
<U.V.L.O. (Under Voltage Lock Out) >
When the input voltage becomes 2.3V (TYP.) or lower, the external P-channel driver transistor is forced OFF. Once
the U.V.L.O. operates, the XC9220/XC9221A and C series (soft-start internally set type) resets the internal circuit. For
this, by releasing the U.V.L.O. function, the IC performs the soft-start function to initiate output startup operation.
When the input voltage falls because of a power cutoff etc. and the IC stops operation due to the U.V.L.O. function, the
IC resumes its operation by internal soft-start circuit of the XC9220/XC9221B and D series. If the soft-start time is
needed to set externally, the CE/CSS pin voltage should be reset to 0V. (Please see the soft-start circuit example.)
●U.V.L.O. Operation
VIN
U.V.L.O. ( InternalSignal)
VOUT
(XC9220/21A and C series)
VOUT
(XC9220/21B and D series)
U.V.L.O.
release delay
Soft-start time: Tss1
U.V.L.O. operation
U.V.L.O.
release delay
Soft-start time (Externally set-up) :Tss2
Soft-start time:Tss1
■OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9220D095ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220D095ML

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com