Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH5440 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5440
Description  Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5440 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5440_07 Datasheet HTML 1Page - OSRAM GmbH SFH5440_07 Datasheet HTML 2Page - OSRAM GmbH SFH5440_07 Datasheet HTML 3Page - OSRAM GmbH SFH5440_07 Datasheet HTML 4Page - OSRAM GmbH SFH5440_07 Datasheet HTML 5Page - OSRAM GmbH SFH5440_07 Datasheet HTML 6Page - OSRAM GmbH SFH5440_07 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 5440, SFH 5441
2007-09-18
3
Stromaufnahme,
E = 0
Supply current
V
CC = 5 V
V
CC = 18 V
I
CC
3.3 (< 5)
5.0
mA
Schaltschwelle,
λ = 950 nm
Threshold “ON“
SFH 5440: “H”
→ “L”
SFH 5441: “L”
→ “H”
E
e, ON
170 (< 320)
µW/cm2
Hysterese
Hysteresis
E
e, OFF/Ee, ON
0.6
(0.5 … 0.9)
Halbwinkel
Half angle
ϕ± 60
Grad
degr.
Anstiegszeit 10% bis 90%
Rise time 10% to 90%
R
L = 280 Ω, E
e = 600 µW/cm
2,
λ = 950 nm
t
r
100
ns
Abfallzeit 90% bis 10%
Fall time 90% to 10%
R
L = 280 Ω, Ee = 600 µW/cm
2,
λ = 950 nm
t
f
100
ns
Ausgangsverzögerungszeit
Propagation delay time “H”
→ “L”
R
L = 280 Ω, Ee = 600 µW/cm
2,
λ = 950 nm
t
PHL
5 (< 15)
µs
Ausgangsverzögerungszeit
Propagation delay time “L”
→ “H”
R
L = 280 Ω, Ee = 600 µW/cm
2,
λ = 950 nm
t
PLH
5 (< 15)
µs
Kennwerte (
T
A = 25 °C, VCC = 5 V)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit


Similar Part No. - SFH5440_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
   Schmitt-Trigger IC im Smart DIL GehAuse
More results

Similar Description - SFH5440_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
   Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
   Schmitt-Trigger IC in Smart DIL Package
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
   Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
   Gabellichtschranke mit Schmitt-Trigger IC
SFH5140 OSRAM-SFH5140 Datasheet
49Kb / 6P
   Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
SFH-5140-F OSRAM-SFH-5140-F Datasheet
159Kb / 11P
   Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
SFH5840 OSRAM-SFH5840 Datasheet
231Kb / 7P
   Schmitt-Trigger IC in TO-18 Package with Glass Lens
SFH3400 OSRAM-SFH3400 Datasheet
644Kb / 13P
   Smart DIL
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com