Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLLG81 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLLG81
Description  SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG81 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLLG81 Datasheet HTML 1Page - OSRAM GmbH SPLLG81 Datasheet HTML 2Page - OSRAM GmbH SPLLG81 Datasheet HTML 3Page - OSRAM GmbH SPLLG81 Datasheet HTML 4Page - OSRAM GmbH SPLLG81 Datasheet HTML 5Page - OSRAM GmbH SPLLG81 Datasheet HTML 6Page - OSRAM GmbH SPLLG81 Datasheet HTML 7Page - OSRAM GmbH SPLLG81 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-10-24
2
SPL LG81
Typ
Type
Wellenlänge
1)
Wavelength
1)
Bestellnummer
Ordering Code
SPL LG81
808 nm
Q65110A2008
1)
Andere Wellenlängen sind auf Anfrage erhältlich.
Other wavelengths are available on request.
Grenzwerte (20
° C coolant temperature)
Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
Output power
P
opt
35
W
Spitzen-Ausgangsleistung (quasi-continous
wave,
t
p ≤200 µs, duty cycle ≤20%)
Peak output power(quasi-continous wave,
t
p ≤200 µs, duty cycle ≤20%)
P
qcw
50
W
Betriebstemperatur
1)
Operating temperature
1)
T
op
+ 10
+ 30
° C
Lagertemperatur
1)
Storage temperature
1)
1)
Betauung des Moduls muss ausgeschlossen werden.
Bedewing of the module has to be excluded.
T
stg
- 40
+ 85
° C
Löttemperatur (
t
max = 10 s)
Soldering temperature (
t
max = 10 s)
T
s
+ 260
° C


Similar Part No. - SPLLG81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
   Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
More results

Similar Description - SPLLG81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
   Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
SPLLG91-P OSRAM-SPLLG91-P Datasheet
181Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 915nm
SPLLG94-P OSRAM-SPLLG94-P Datasheet
161Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 940nm
SPLLG98-P OSRAM-SPLLG98-P Datasheet
162Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
logo
Lumics GmbH
LU0808DXXX-U LUMICS-LU0808DXXX-U Datasheet
928Kb / 3P
   LU0808Dyyy Diode Laser with up to 33 W at 808nm
2020-11-04
logo
Siemens Semiconductor G...
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
   Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com