Selected language     English  Ôľ╝


74VHCT05AT Datasheet(PDF) 7 Page - STMicroelectronics

Part No. 74VHCT05AT
Description  HEX INVERTER (OPEN DRAIN)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 7 page
background image
74VHCT05A
7/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0┬░
8┬░
0┬░
8┬░
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP14 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080337D




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC05Hex Inverter with Open Drain Outputs 1 2 3 4 Fairchild Semiconductor
ACS05MSRadiation Hardened Hex Inverter with Open Drain Outputs 1 2 Intersil Corporation
M74HC05HEX INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
HCS05MSRadiation Hardened Hex Inverter with Open Drain 1 2 3 4 5 MoreIntersil Corporation
MC74LCX05LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN 1 2 3 4 Motorola, Inc
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX06Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreON Semiconductor
MM74HC05Hex Inverter Open Drain 1 2 3 4 National Semiconductor (TI)
54AC05Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVX05LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl